Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHP3201-04 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # AHP3201-04
Description  30W Medical Grade Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AHP3201-04 Datasheet(HTML) 3 Page - Astrodyne Corporation

  AHP3201-04 Datasheet HTML 1Page - Astrodyne Corporation AHP3201-04 Datasheet HTML 2Page - Astrodyne Corporation AHP3201-04 Datasheet HTML 3Page - Astrodyne Corporation AHP3201-04 Datasheet HTML 4Page - Astrodyne Corporation AHP3201-04 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
30W Medical Grade Switching Power Supplies
AHP3201 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICAL DIMENSIONS - AHP3101B
DC OUTPUT CONNECTIONS
Coaxial Plug:
+Vout
-Vout
5.5mm outer diameter
2.1mm inner diameter, female
11mm length, center “+”
AHP3201x-02~04 Output Cord Length 48”, 16AWG
AHP3201x-05~11 Output Cord Length 72”, 18AWG
If modified, the regulation and efficiency will be affected
Dimensions are In mm [inches].
medical
HPU32A series
SPECIFICATIONNOTE:
1.Outputcanprovideuptopeakloadwhenthepowersupplystartsup.
Continuousstayinginmorethanratedloadisnotallowed.
2.Atfactory,in60%ratedloadcondition,eachoutputischeckedtobe
withinvoltageaccuracy.
3.Lineregulationisdefinedbychanging±10%ofinputvoltagefrom
nominallineatratedload.
4.Loadregulationisdefinedbychanging±40%ofmeasuredoutputload
from60%ratedload.
5.Ripple&noiseismeasuredbyusing20MHzbandwidthlimited
oscilloscopeandterminatedeachoutputwitha0.47uFcapacitorat
ratedloadandnominalline.
6.Holduptimeismeasuredfromtheendofthelastchargingpulsetothe
timewhichthemainoutputdropsdowntolowlimitofmainoutputat
ratedloadandnominalline.
7.Efficiencyismeasuredatratedload,andnominalline.
8.ThespecificsfortestingtheenergyefficiencyofthisSeriesareoutlined
inaseparatedocumenttitled"TestMethodforCalculatingtheEnergy
EfficiencyofSingle-VoltageInterchangeableAC-DCandAC-ACPower
Supplies(August11,2004),"whichisavailableontheENERGYSTAR
Website.
MECHANICAL DIMENSIONS: (UNIT:mm)
OUTPUT CABLE RECOMMEND :
PACKING:
1. Selected output connectors and wire, please refer to Appendix.
2. HPU32A-102~104 are required to use AWG#16 4FT output cable.
3. HPU32A-105~111 are required to use AWG#18/ 6FT output cable.
4. The regulation and efficiency will be changed by modified output cable.
1. Net weight: 265~280g approx.
2. Optional output connectors available contact sales for details.
/
Rating Chart:
INPUT VOLTAGE (VAC)
80
50
60
70
80
90
100
110
100
120
140
160
180
200
220
240
260
280
(FIG.1) INPUT VOLTAGE DERATING CURVE
MODEL NO.
Voltage Range
min
(VDC)
(VDC)
(A)
(A)
(W)
(W)
(ms)
(mVp-p)
(%)
(%)
min
max
max
Output Current
(Based on the output volt.)
HPU32A-102
5.0
5.99
4.00
3.33
20
50
80
0.3
12
OLP
OLP
OLP
OLP
OLP
OLP
OLP
12
12
12
12
12
12
0.3
0.3
0.3
0.3
0.3
0.3
80
81
81
83
83
85
±5
±5
±5
±5
±5
±5
±3
60
80
100
100
100
100
23
27
30
30
30
30
3.83
2.87
3.38
2.45
2.74
2.30
2.30
1.88
1.88
1.43
1.43
1.11
8.0
11.0
13.0
6.0
8.0
11.0
13.0
16.0
16.0
21.0
21.0
27.0
HPU32A-103
HPU32A-104
HPU32A-105
HPU32A-106
HPU32A-107
HPU32A-108
OLP
12
0.3
85
±3
100
30
1.11
0.91
27.0
33.0
HPU32A-109
OLP
12
0.3
86
±3
100
30
0.91
0.75
33.0
40.0
HPU32A-110
OLP
12
0.3
86
±3
100
30
0.75
0.63
40.0
48.0
HPU32A-111
30W External Medical Grade Power Supply
TEMPERATURE (°C)
-10
0
10
0
10
20
30
40
50
60
70
80
90
100
110
20
30
40
50
60
70
80
(FIG.2) TEMPERATURE DERATING CURVE


Similar Part No. - AHP3201-04

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
AHP322508FA TAI-TECH-AHP322508FA Datasheet
94Kb / 2P
   Power Inductor
AHP322508FA-100M TAI-TECH-AHP322508FA-100M Datasheet
94Kb / 2P
   Power Inductor
AHP322508FA-1R0M TAI-TECH-AHP322508FA-1R0M Datasheet
94Kb / 2P
   Power Inductor
AHP322508FA-1R5M TAI-TECH-AHP322508FA-1R5M Datasheet
94Kb / 2P
   Power Inductor
AHP322508FA-2R2M TAI-TECH-AHP322508FA-2R2M Datasheet
94Kb / 2P
   Power Inductor
More results

Similar Description - AHP3201-04

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
logo
Tumbler Technologies + ...
THM30 TRUMPOWER-THM30 Datasheet
80Kb / 2P
   Medical Grade 30W Open Frame Power Supplies
logo
Astrodyne Corporation
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
logo
MPS Industries, Inc.
MBU30 MPSIND-MBU30 Datasheet
252Kb / 2P
   30W Open Frame Switching Power Supplies For Medical Equipment
MPU30 MPSIND-MPU30 Datasheet
119Kb / 2P
   30W Desk Top Switching Power Supplies For Medical Equipment
logo
Astrodyne Corporation
AMP310 ASTRODYNE-AMP310 Datasheet
493Kb / 4P
   30W 3rd Edition Medical Grade Desktop Switching Power Adapters
MMA-5 ASTRODYNE-MMA-5 Datasheet
926Kb / 5P
   5W Medical Grade Ultraminiature Switching Power Supplies
MMA-10 ASTRODYNE-MMA-10 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
   15W Ultraminiature Medical Grade Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com