Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHP1011-09 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # AHP1011-09
Description  100W Medical Adapters for Health Care Applications with PFC CISPR-11EN55011classBemissionLimitsandaredesignedto
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AHP1011-09 Datasheet(HTML) 2 Page - Astrodyne Corporation

  AHP1011-09 Datasheet HTML 1Page - Astrodyne Corporation AHP1011-09 Datasheet HTML 2Page - Astrodyne Corporation AHP1011-09 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100W Medical Adapters for Health Care Applications with PFC
AHP101 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
INPUT SPECIFICATIONS
Input Voltage Range
90-260 VAC (100-240 Nominal)
Frequency Range (Sine Wave) 47-63 Hz
Input Current
Low Line (100VAC)
1.2A max.
High Line (240VAC)
0.5A max.
No Load Power Consumption
0.5W
Inrush Current, typ (Cold Start) Low Line (100VAC)
50A max.
High Line (240VAC)
120A max.
Leakage Current (240Vin, 60hHz) 0.25mA max.
Power Factor Correction
0.95 min.
Protection Class
Class I
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Output Power Range
0 to FL Rating, 100W max.
Load Regulation (Note 2)
± 5%, max. (0-FL, 230Vin)
Line Regulation (Note 1)
± 1%, max., FL
Over Load Protection*
110-150%, Auto Recovery
Over Voltage Protection*
112-132%
Short Circuit Protection
Auto Recovery
Transient Response
110Vin, FL to 1/2L
4mS
Temperature Coefficient
±0.04%/°C, typ
Ripple/Noise (Note 3)
100mV p-p
Start Up / Hold Up Time
100Vin, FL
2S max. / 16mS min.
GENERAL SPECIFICATIONS
Input-Out Isolation
4000 VAC
Input-GND Isolation
1500 VAC
Isolation Resistance
50MΩ, 500VDC,25°XC/ 70% RH
Efficiency(FL, Nom. Vin)
See Selection Chart
Safety
ANSI/AAMI ES 60601-1:2005
(UL/cUL 3rd Edition),
EN 60601-1:2006
(TUV/T-mark 3rd Edition)
PHYSICAL SPECIFICATIONS
Size
5.75” x 2.99” x 1.69”
(146 x 76 x 43mm)
Construction
Desktop Style
Weight
23.63oz (670g)
Output Connector
See Selection Chart
Flammability Rating
UL94V-1
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-10 to +40°C (FL) *
50% Load @ 70°C
(See Derate Curve Last Page)
Cooling
Free Air Convection
Storage Temperature
-40 to +85°C, 10~95% RH *
Operating/Storage Humidity
0% to 95%, non-cond *
EMC
Compliance to EN55011 (CISPR11),
EN61000-3-2, -3 Class B
MTBF (MIL-HDBK-217F)
100,000 Hrs
Surge Voltage
2kV
ESD - Air
IEC61000-4-2, 8kV
ESD - Contact
IEC61000-4-2, 6kV
Operating Altitude (Elevation)
3000m
Vibration
5G, 10 ~ 500Hz, 10min./1cycle,
60min. each along X, Y, Z axes
NOTES
1. Line regulation is defined by changing ±10% of input voltage from
nominal line at rated load.
2. Load regulation is defined by changing ±40% of measured output
load from 60% rated load.
3. Ripple & noise is measured by using 20MHz bandwidth limited
oscilloscope and terminated each output with a 0.47uF capacitor at
rated load and nominal line.


Similar Part No. - AHP1011-09

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AHP1001 ASTRODYNE-AHP1001 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-01 ASTRODYNE-AHP1001-01 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-02 ASTRODYNE-AHP1001-02 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-03 ASTRODYNE-AHP1001-03 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-04 ASTRODYNE-AHP1001-04 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com