Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHP2501 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # AHP2501
Description  25W Medical Power Adapters with Interchangeable Input Plugs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AHP2501 Datasheet(HTML) 3 Page - Astrodyne Corporation

  AHP2501 Datasheet HTML 1Page - Astrodyne Corporation AHP2501 Datasheet HTML 2Page - Astrodyne Corporation AHP2501 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
25W Medical Power Adapters with Interchangeable Input Plugs
AHP2501 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICALDIMENSIONS
DCOUTPUTCONNECTIONS
CoaxialPlug:
+Vout
-Vout
5.5mm outer diameter
2.1mm inner diameter, female
11mm length, center “+”
Dimensions are in mm [inches]
AHP2501-01~04 Output Cord Length 48”, 18AWG
AHP2501-05~09 Output Cord Length 48”, 20AWG
AHP2501-110~112 Output Cord Length 48”, 22AWG
The Regulation and Efficiency will change if output
cable is modified.
medical
HPU25 series
SPECIFICATIONNOTE:
1.Outputcanprovideuptopeakloadwhenthepowersupplystartsup.
Continuousstayinginmorethanratedloadisnotallowed.
2.Atfactory,in60%ratedloadcondition,eachoutputischeckedtobe
withinvoltageaccuracy.
3.Lineregulationisdefinedbychanging±10%ofinputvoltagefrom
nominallineatratedload.
4.Loadregulationisdefinedbychanging±40%ofmeasuredoutputload
from60%ratedload.
5.Ripple&noiseismeasuredbyusing20MHzbandwidthlimited
oscilloscopeandterminatedeachoutputwitha0.47uFcapacitorat
ratedloadandnominalline.
6.Holduptimeismeasuredfromtheendofthelastchargingpulsetothe
timewhichthemainoutputdropsdowntolowlimitofmainoutputat
ratedloadandnominalline.
7.Efficiencyismeasuredatratedload,andnominalline.
8.ThespecificsfortestingtheenergyefficiencyofthisSeriesareoutlined
inaseparatedocumenttitled"TestMethodforCalculatingtheEnergy
EfficiencyofSingle-VoltageInterchangeableAC-DCandAC-ACPower
Supplies(August11,2004),"whichisavailableontheENERGYSTAR
Website.
MECHANICAL DIMENSIONS: (UNIT:mm)
OUTPUT CABLE RECOMMEND :
PACKING:
1. Selected output connectors and wire, please refer to Appendix.
2. HPU25-101~104 are required to use AWG#18 2C/4FT output cable.
3. HPU25-105~109 are required to use AWG#20 2C/4FT output cable.
4. HPU25-110~112 are required to use AWG#22 2C/4FT output cable.
5. The regulation and efficiency will be changed by modified output cable.
1. Net weight: 200g approx.
2. Optional output connectors available contact sales for details.
Rating Chart:
INPUT VOLTAGE (VAC)
80
50
60
70
80
90
100
110
100
120
140
160
180
200
220
240
260
280
(FIG.1) INPUT VOLTAGE DERATING CURVE
MODEL NO.
Voltage Range
min
(VDC)
(VDC)
(A)
(A)
(W)
(W)
(ms)
(mVp-p)
(%)
(%)
min
max
max
Output Current
(Based on the output volt.)
HPU25-101
HPU25-102
3.0
5.0
5.0
6.0
2.10
2.75
3.50
3.30
10.5
16.5
66
50
65
80
0.2
0.3
12
12
12
12
12
12
12
12
12
12
12
12
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
82
83
84
85
85
86
86
86
86
86
±5
±5
±5
±5
±5
±5
±5
±3
±3
±3
±3
±3
70
90
100
100
100
100
100
100
100
100
20
22
25
25
25
25
25
25
25
25
3.30
2.75
2.27
1.92
1.56
1.19
0.92
0.75
0.62
0.53
2.50
2.00
1.92
1.56
1.19
0.92
0.75
0.62
0.53
0.45
8.0
11.0
13.0
6.0
8.0
11.0
13.0
16.0
16.0
21.0
27.0
33.0
40.0
48.0
21.0
27.0
33.0
40.0
48.0
55.0
HPU25-103
HPU25-104
HPU25-105
HPU25-106
HPU25-107
HPU25-108
HPU25-109
HPU25-110
HPU25-111
HPU25-112
TEMPERATURE (°C)
-10
0
10
0
10
20
30
40
50
60
70
80
90
100
110
20
30
40
50
60
70
80
(FIG.2) TEMPERATURE DERATING CURVE
25W Interchangeable Medical Grade Power Supply
DERATECURVES
medical
HPU25 series
SPECIFICATIONNOTE:
1.Outputcanprovideuptopeakloadwhenthepowersupplystartsup.
Continuousstayinginmorethanratedloadisnotallowed.
2.Atfactory,in60%ratedloadcondition,eachoutputischeckedtobe
withinvoltageaccuracy.
3.Lineregulationisdefinedbychanging±10%ofinputvoltagefrom
nominallineatratedload.
4.Loadregulationisdefinedbychanging±40%ofmeasuredoutputload
from60%ratedload.
5.Ripple&noiseismeasuredbyusing20MHzbandwidthlimited
oscilloscopeandterminatedeachoutputwitha0.47uFcapacitorat
ratedloadandnominalline.
6.Holduptimeismeasuredfromtheendofthelastchargingpulsetothe
timewhichthemainoutputdropsdowntolowlimitofmainoutputat
ratedloadandnominalline.
7.Efficiencyismeasuredatratedload,andnominalline.
8.ThespecificsfortestingtheenergyefficiencyofthisSeriesareoutlined
inaseparatedocumenttitled"TestMethodforCalculatingtheEnergy
EfficiencyofSingle-VoltageInterchangeableAC-DCandAC-ACPower
Supplies(August11,2004),"whichisavailableontheENERGYSTAR
Website.
MECHANICAL DIMENSIONS: (UNIT:mm)
OUTPUT CABLE RECOMMEND :
PACKING:
1. Selected output connectors and wire, please refer to Appendix.
2. HPU25-101~104 are required to use AWG#18 2C/4FT output cable.
3. HPU25-105~109 are required to use AWG#20 2C/4FT output cable.
4. HPU25-110~112 are required to use AWG#22 2C/4FT output cable.
5. The regulation and efficiency will be changed by modified output cable.
1. Net weight: 200g approx.
2. Optional output connectors available contact sales for details.
Rating Chart:
INPUT VOLTAGE (VAC)
80
50
60
70
80
90
100
110
100
120
140
160
180
200
220
240
260
280
(FIG.1) INPUT VOLTAGE DERATING CURVE
MODEL NO.
Voltage Range
min
(VDC)
(VDC)
(A)
(A)
(W)
(W)
(ms)
(mVp-p)
(%)
(%)
min
max
max
Output Current
(Based on the output volt.)
HPU25-101
HPU25-102
3.0
5.0
5.0
6.0
2.10
2.75
3.50
3.30
10.5
16.5
66
50
65
80
0.2
0.3
12
12
12
12
12
12
12
12
12
12
12
12
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
OLP
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
82
83
84
85
85
86
86
86
86
86
±5
±5
±5
±5
±5
±5
±5
±3
±3
±3
±3
±3
70
90
100
100
100
100
100
100
100
100
20
22
25
25
25
25
25
25
25
25
3.30
2.75
2.27
1.92
1.56
1.19
0.92
0.75
0.62
0.53
2.50
2.00
1.92
1.56
1.19
0.92
0.75
0.62
0.53
0.45
8.0
11.0
13.0
6.0
8.0
11.0
13.0
16.0
16.0
21.0
27.0
33.0
40.0
48.0
21.0
27.0
33.0
40.0
48.0
55.0
HPU25-103
HPU25-104
HPU25-105
HPU25-106
HPU25-107
HPU25-108
HPU25-109
HPU25-110
HPU25-111
HPU25-112
TEMPERATURE (°C)
-10
0
10
0
10
20
30
40
50
60
70
80
90
100
110
20
30
40
50
60
70
80
(FIG.2) TEMPERATURE DERATING CURVE
25W Interchangeable Medical Grade Power Supply
0315


Similar Part No. - AHP2501

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
AHP252008FA TAI-TECH-AHP252008FA Datasheet
101Kb / 2P
   Power Inductor
AHP252008FA-100M TAI-TECH-AHP252008FA-100M Datasheet
101Kb / 2P
   Power Inductor
AHP252008FA-1R0M TAI-TECH-AHP252008FA-1R0M Datasheet
101Kb / 2P
   Power Inductor
AHP252008FA-1R5M TAI-TECH-AHP252008FA-1R5M Datasheet
101Kb / 2P
   Power Inductor
AHP252008FA-2R2M TAI-TECH-AHP252008FA-2R2M Datasheet
101Kb / 2P
   Power Inductor
More results

Similar Description - AHP2501

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AHP1501 ASTRODYNE-AHP1501 Datasheet
1Mb / 3P
   15W Medical Power Adapters with Interchangeable Input Plugs
logo
Phihong USA Inc.
PMA36R-120PHW PHIHONG-PMA36R-120PHW Datasheet
151Kb / 3P
   36W Medical Grade Adapter with Interchangeable Plugs
PMA10R-050AW PHIHONG-PMA10R-050AW Datasheet
125Kb / 3P
   10W Medical Grade Adapter with Interchangeable Plugs
logo
Tumbler Technologies + ...
TXM25 TRUMPOWER-TXM25_16 Datasheet
239Kb / 2P
   Medical Grade 25W Wall Mount Power Adapters
logo
FSP TECHNOLOGY INC.
FSP015-RBMM FSP-FSP015-RBMM Datasheet
84Kb / 1P
   Interchangeable AC plugs
FSP015-RADM-NP FSP-FSP015-RADM-NP Datasheet
83Kb / 1P
   Interchangeable AC plugs
FSP030-RDAMF FSP-FSP030-RDAMF Datasheet
133Kb / 1P
   Interchangeable AC plugs
FSP030-RCAM FSP-FSP030-RCAM Datasheet
133Kb / 1P
   Interchangeable AC plugs
FSP025-RAAM FSP-FSP025-RAAM Datasheet
133Kb / 1P
   Interchangeable AC plugs
FSP015-RCDM-NP FSP-FSP015-RCDM-NP Datasheet
83Kb / 1P
   Interchangeable AC plugs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com