Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2907MX Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM2907MX
Description  Frequency to Voltage Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2907MX Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2907MX Datasheet HTML 4Page - Texas Instruments LM2907MX Datasheet HTML 5Page - Texas Instruments LM2907MX Datasheet HTML 6Page - Texas Instruments LM2907MX Datasheet HTML 7Page - Texas Instruments LM2907MX Datasheet HTML 8Page - Texas Instruments LM2907MX Datasheet HTML 9Page - Texas Instruments LM2907MX Datasheet HTML 10Page - Texas Instruments LM2907MX Datasheet HTML 11Page - Texas Instruments LM2907MX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
LM2907-N, LM2917-N
SNAS555C – JUNE 2000 – REVISED MARCH 2013
www.ti.com
APPLICATIONS INFORMATION
The LM2907 series of tachometer circuits is designed for minimum external part count applications and
maximum versatility. In order to fully exploit its features and advantages let's examine its theory of operation. The
first stage of operation is a differential amplifier driving a positive feedback flip-flop circuit. The input threshold
voltage is the amount of differential input voltage at which the output of this stage changes state. Two options
(LM2907-8, LM2917-8) have one input internally grounded so that an input signal must swing above and below
ground and exceed the input thresholds to produce an output. This is offered specifically for magnetic variable
reluctance pickups which typically provide a single-ended ac output. This single input is also fully protected
against voltage swings to ±28V, which are easily attained with these types of pickups.
The differential input options (LM2907, LM2917) give the user the option of setting his own input switching level
and still have the hysteresis around that level for excellent noise rejection in any application. Of course in order
to allow the inputs to attain common-mode voltages above ground, input protection is removed and neither input
should be taken outside the limits of the supply voltage being used. It is very important that an input not go below
ground without some resistance in its lead to limit the current that will then flow in the epi-substrate diode.
Following the input stage is the charge pump where the input frequency is converted to a dc voltage. To do this
requires one timing capacitor, one output resistor, and an integrating or filter capacitor. When the input stage
changes state (due to a suitable zero crossing or differential voltage on the input) the timing capacitor is either
charged or discharged linearly between two voltages whose difference is VCC/2. Then in one half cycle of the
input frequency or a time equal to 1/2 fIN the change in charge on the timing capacitor is equal to VCC/2 × C1.
The average amount of current pumped into or out of the capacitor then is:
(1)
The output circuit mirrors this current very accurately into the load resistor R1, connected to ground, such that if
the pulses of current are integrated with a filter capacitor, then VO = ic × R1, and the total conversion equation
becomes:
VO = VCC × fIN × C1 × R1 × K
where
K is the gain constant—typically 1.0
(2)
The size of C2 is dependent only on the amount of ripple voltage allowable and the required response time.
CHOOSING R1 AND C1
There are some limitations on the choice of R1 and C1 which should be considered for optimum performance.
The timing capacitor also provides internal compensation for the charge pump and should be kept larger than
500 pF for very accurate operation. Smaller values can cause an error current on R1, especially at low
temperatures. Several considerations must be met when choosing R1. The output current at pin 3 is internally
fixed and therefore VO/R1 must be less than or equal to this value. If R1 is too large, it can become a significant
fraction of the output impedance at pin 3 which degrades linearity. Also output ripple voltage must be considered
and the size of C2 is affected by R1. An expression that describes the ripple content on pin 3 for a single R1C2
combination is:
(3)
It appears R1 can be chosen independent of ripple, however response time, or the time it takes VOUT to stabilize
at a new voltage increases as the size of C2 increases, so a compromise between ripple, response time, and
linearity must be chosen carefully.
As a final consideration, the maximum attainable input frequency is determined by VCC, C1 and I2:
(4)
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2907-N LM2917-N


Similar Part No. - LM2907MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2907MX TI1-LM2907MX Datasheet
535Kb / 24P
[Old version datasheet]   LM2907/LM2917 Frequency to Voltage Converter
LM2907MX TI-LM2907MX Datasheet
2Mb / 32P
[Old version datasheet]   LM2907/LM2917 Frequency to Voltage Converter
LM2907MX-8 TI1-LM2907MX-8 Datasheet
535Kb / 24P
[Old version datasheet]   LM2907/LM2917 Frequency to Voltage Converter
LM2907MX-8 TI-LM2907MX-8 Datasheet
2Mb / 32P
[Old version datasheet]   LM2907/LM2917 Frequency to Voltage Converter
logo
National Semiconductor ...
LM2907MX-8EP NSC-LM2907MX-8EP Datasheet
712Kb / 21P
   Enhanced Plastic Frequency to Voltage Converter
More results

Similar Description - LM2907MX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com