Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317KTTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM317KTTR
Description  3-Terminal Adjustable Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317KTTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM317KTTR Datasheet HTML 2Page - Texas Instruments LM317KTTR Datasheet HTML 3Page - Texas Instruments LM317KTTR Datasheet HTML 4Page - Texas Instruments LM317KTTR Datasheet HTML 5Page - Texas Instruments LM317KTTR Datasheet HTML 6Page - Texas Instruments LM317KTTR Datasheet HTML 7Page - Texas Instruments LM317KTTR Datasheet HTML 8Page - Texas Instruments LM317KTTR Datasheet HTML 9Page - Texas Instruments LM317KTTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
1.24
1.245
1.25
1.255
1.26
1.265
1.27
1.275
1.28
1.285
V
IN – V
T =125°C
A
T =25°C
A
T = –40°C
A
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
IOUT – A
VIN = 15 V
VOUT = 10 V
f = 120 Hz
TA = 25°C
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
Tim e – µs
9
9.2
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
11
V
IN
V
OUT
C
=10µF
ADJ
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
Tim e – µs
9
9.2
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
11
V
IN
V
OUT
C
=0µF
ADJ
9.98
9.985
9.99
9.995
10
10.005
10.01
I
OUT – A
T =25°C
A
T = –40°C
A
T =125°C
A
V
=10VNom
OUT
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
I
OUT – A
T =125°C
A
T =25°C
A
T = –40°C
A
V
=V
OUT
REF
LM317
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
www.ti.com
7.6 Typical Characteristics
Figure 2. Load Regulation
Figure 1. Load Regulation
Figure 3. Load Transient Response
Figure 4. Load Transient Response
Figure 5. Line Regulation
Figure 6. Ripple Rejection
vs Output Current
6
Submit Documentation Feedback
Copyright © 1997–2014, Texas Instruments Incorporated
Product Folder Links: LM317


Similar Part No. - LM317KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317KTTR TI-LM317KTTR Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317KTTRG3 TI-LM317KTTRG3 Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - LM317KTTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com