Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM117HV Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM117HV
Description  High Voltage Three-Terminal Adjustable Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM117HV Datasheet(HTML) 4 Page - Texas Instruments

  LM117HV Datasheet HTML 1Page - Texas Instruments LM117HV Datasheet HTML 2Page - Texas Instruments LM117HV Datasheet HTML 3Page - Texas Instruments LM117HV Datasheet HTML 4Page - Texas Instruments LM117HV Datasheet HTML 5Page - Texas Instruments LM117HV Datasheet HTML 6Page - Texas Instruments LM117HV Datasheet HTML 7Page - Texas Instruments LM117HV Datasheet HTML 8Page - Texas Instruments LM117HV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM117HV, LM317HV
SNVS773D – APRIL 2000 – REVISED SEPTEMBER 2015
www.ti.com
6 Pin Configuration and Functions
Metal Can NDS Package
Metal Can NDT Package
2-Pin TO-3
3-pin TO-39
Bottom View
Bottom View
NDE Package
3-Pin TO-220
Front View
Pin Functions
PIN
NAME
I/O
DESCRIPTION
TO-220
TO-39 NO.
TO-3 NO.
NO.
ADJ
2
1
1
Adjust Pin
VOUT
3, CASE
CASE
2, TAB
O
Output voltage pin for the regulator
VIN
1
2
3
I
Input voltage pin for the regulator
7 Specifications
7.1 Absolute Maximum Ratings
See
(1).
MIN
MAX
UNIT
Power dissipation
Internally limited
Input–output voltage differential
−0.3
60
V
Lead temperature (soldering, 10 seconds)
300
°C
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM117HV LM317HV


Similar Part No. - LM117HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Seme LAB
LM117HVG SEME-LAB-LM117HVG Datasheet
805Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
LM117HVG TTELEC-LM117HVG Datasheet
805Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM117HVGW-QML TI1-LM117HVGW-QML Datasheet
1Mb / 30P
[Old version datasheet]   3-Terminal Adjustable Regulator
LM117HVGW-QML TI1-LM117HVGW-QML Datasheet
1Mb / 30P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Similar Description - LM117HV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
Micro Electronics
SG117A MICRO-ELECTRONICS-SG117A Datasheet
263Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG117A MICROSEMI-SG117A Datasheet
214Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
Texas Instruments
LM317HV-MIL TI1-LM317HV-MIL Datasheet
2Mb / 26P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator With Overload Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com