Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2759 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2759
Description  LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2759 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2759_13 Datasheet HTML 7Page - Texas Instruments LM2759_13 Datasheet HTML 8Page - Texas Instruments LM2759_13 Datasheet HTML 9Page - Texas Instruments LM2759_13 Datasheet HTML 10Page - Texas Instruments LM2759_13 Datasheet HTML 11Page - Texas Instruments LM2759_13 Datasheet HTML 12Page - Texas Instruments LM2759_13 Datasheet HTML 13Page - Texas Instruments LM2759_13 Datasheet HTML 14Page - Texas Instruments LM2759_13 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
1
bit7
1
bit6
1
bit5
1
bit4
1
bit3
C2
bit2
C1
bit1
C0
bit0
MSB
LSB
Flash Timeout Duration
Register Address: 0xC0
1
bit7
1
bit6
1
bit5
1
bit4
B3
bit3
B2
bit2
B1
bit1
B0
bit0
MSB
LSB
Flash Current
Register Address: 0xB0
1
bit7
1
bit6
1
bit5
1
bit4
A3
bit3
A2
bit2
A1
bit1
A0
bit0
MSB
LSB
Torch Current
Register Address: 0xA0
1
bit7
1
bit6
1
bit5
1
bit4
G4
bit3
G2
bit2
G1
bit1
G0
bit0
MSB
LSB
General Purpose
Register Address: 0x10
ADR6
bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
0
1
1
0
1
1
0
I
2
C SLAVE address (chip address)
1
0
1
0
1
1
0
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
Id = 53h
w
ack
addr = 10h
ack
ack
GDWD K¶03 (Flash)
stop
LM2759
www.ti.com
SNVS577D – JUNE 2008 – REVISED MAY 2013
w = write (SDA = "0")
r = read (SDA = "1")
ack = acknowledge (SDA pulled down by either master or slave)
id = chip address, 53h for LM2759
Figure 17. Write Cycle
I2C COMPATIBLE CHIP ADDRESS
The chip address for LM2759 is 1010011, or 53h.
INTERNAL REGISTERS
Power On Value
Register
Internal Hex Address
(lowest 4 bits)
General Purpose Register
10h
0000
Flash Current Register
B0h
1010
Torch Current Register
A0h
0111
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2759


Similar Part No. - LM2759_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
More results

Similar Description - LM2759_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2759 NSC-LM2759 Datasheet
119Kb / 2P
   PRODUCT BRIEF 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
   Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com