Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2754 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM2754
Description  LM2754 800mA Switched Capacitor Flash LED Driver with Time-Out Protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2754 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2754 Datasheet HTML 4Page - Texas Instruments LM2754 Datasheet HTML 5Page - Texas Instruments LM2754 Datasheet HTML 6Page - Texas Instruments LM2754 Datasheet HTML 7Page - Texas Instruments LM2754 Datasheet HTML 8Page - Texas Instruments LM2754 Datasheet HTML 9Page - Texas Instruments LM2754 Datasheet HTML 10Page - Texas Instruments LM2754 Datasheet HTML 11Page - Texas Instruments LM2754 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LM2754
SNVS463A – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C, VDx = 1V, V(IN, INSW) = 3.6V, VEN = VIN, VT/F = VTX = VSEL = 0V, CIN = C1 = C2 = 2.2µF,
COUT = 4.7µF. Capacitors are low-ESR multi-layer ceramic capacitors (MLCC's).
Battery Ripple, Gain = 1.5x
Battery Ripple, Gain = 2x
VIN = Li-Ion Battery at 3.7V, Load = 400mA, LED = PWF1;
VIN = Li-Ion Battery at 3.7V, Load = 400mA; LED = PWF1;
CH1 (MID-TOP): VOUT; Scale: 20mV/Div, AC Coupled;
CH1 (MID-TOP): VOUT; Scale: 20mV/Div, AC Coupled;
CH2 (MID-BOTTOM): VIN; Scale: 50mV/Div, AC Coupled;
CH2 (MID-BOTTOM): VIN; Scale: 50mV/Div, AC Coupled;
CH3 (TOP): VIN; Scale: 1V/Div, DC Coupled;
CH3 (TOP): VIN; Scale: 1V/Div, DC Coupled;
CH4 (BOTTOM): IIN; Scale: 500mA/Div;
CH4 (BOTTOM): IIN; Scale: 500mA/Div; Time scale: 1µs/Div
Time scale: 1µs/Div
Figure 11.
Figure 12.
Startup and Shutdown Response
Torch Mode (400mA)
VIN = 3.6V, Load = 400mA, LED = PWF1;
CH1 (TOP): VOUT; Scale: 1V/Div, DC Coupled;
CH4 (MIDDLE): IIN; Scale: 200mA/Div
CH3 (BOTTOM): IOUT; Scale: 200mA/Div ;
Time scale: 100ms/Div
Figure 13.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2754


Similar Part No. - LM2754

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2754 NSC-LM2754 Datasheet
1Mb / 11P
   800mA Switched Capacitor Flash LED Driver with Time-Out Protection
LM2754SQ NSC-LM2754SQ Datasheet
1Mb / 11P
   800mA Switched Capacitor Flash LED Driver with Time-Out Protection
LM2754SQX NSC-LM2754SQX Datasheet
1Mb / 11P
   800mA Switched Capacitor Flash LED Driver with Time-Out Protection
More results

Similar Description - LM2754

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2754 NSC-LM2754 Datasheet
1Mb / 11P
   800mA Switched Capacitor Flash LED Driver with Time-Out Protection
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2758TLEV TI1-LM2758TLEV Datasheet
876Kb / 18P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2758 NSC-LM2758 Datasheet
1,012Kb / 14P
   Switched Capacitor Flash LED Driver in micro SMD
logo
Texas Instruments
LM2759 TI1-LM2759_13 Datasheet
2Mb / 21P
[Old version datasheet]   LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2758 TI1-LM2758 Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
logo
National Semiconductor ...
LM2753 NSC-LM2753 Datasheet
520Kb / 8P
   High Power Switched Capacitor Voltage Convertor/Flash LED Driver
LM2759 NSC-LM2759 Datasheet
119Kb / 2P
   PRODUCT BRIEF 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2753 TI1-LM2753 Datasheet
1Mb / 20P
[Old version datasheet]   LM2753 High-Power Switched-Capacitor Voltage Converter and Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com