Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2750 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2750
Description  LM2750 Low-Noise Switched-Capacitor Boost Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2750 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2750 Datasheet HTML 7Page - Texas Instruments LM2750 Datasheet HTML 8Page - Texas Instruments LM2750 Datasheet HTML 9Page - Texas Instruments LM2750 Datasheet HTML 10Page - Texas Instruments LM2750 Datasheet HTML 11Page - Texas Instruments LM2750 Datasheet HTML 12Page - Texas Instruments LM2750 Datasheet HTML 13Page - Texas Instruments LM2750 Datasheet HTML 14Page - Texas Instruments LM2750 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
4
176 =
2 × 4
59 +
1
(
59
× %
(.;
+ 4 × '54
%(.; + '54%176
Reg
V '
2×V '
ROUT
VIN
VOUT
Copyright © 2016, Texas Instruments Incorporated
8
176
= 2 ×8+0 F +176 × 4176
11
LM2750, LM2750-ADJ
www.ti.com
SNVS180N – APRIL 2002 – REVISED APRIL 2016
Product Folder Links: LM2750 LM2750-ADJ
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Feature Description (continued)
The schematic of Figure 11 is a simplified model of the LM2750 that is useful for evaluating output current
capability. The model shows a linear pre-regulation block (Reg), a voltage doubler (2×), and an output resistance
(ROUT). Output resistance models the output voltage droop that is inherent to switched capacitor converters. The
output resistance of the LM2750 is 5
Ω (typical), and is approximately equal to twice the resistance of the four
LM2750 switches. When the output voltage is in regulation, the regulator in the model controls the voltage V' to
keep the output voltage equal to 5 V ± 4%. With increased output current, the voltage drop across ROUT
increases. To prevent droop in output voltage, the voltage drop across the regulator is reduced, V' increases, and
VOUT remains at 5V. When the output current increases to the point that there is zero voltage drop across the
regulator, V' equals the input voltage, and the output voltage is "on the edge" of regulation. Additional output
current causes the output voltage to fall out of regulation, and the LM2750 operation is similar to a basic open-
loop doubler. As in a voltage doubler, increase in output current results in output voltage drop proportional to the
output resistance of the doubler. The out-of-regulation LM2750 output voltage can be approximated by:
(1)
Again, Equation 1 only applies at low input voltage and high output current where the LM2750 is not regulating.
See Figure 1 and Figure 2 in for more details.
Figure 11. LM2750 Output Resistance Model
A more complete calculation of output resistance takes into account the effects of switching frequency, flying
capacitance, and capacitor equivalent series resistance (ESR). See Equation 2:
(2)
Switch resistance (5
Ω typical) dominates the output resistance equation of the LM2750. With a 1.7-MHz typical
switching frequency, the 1/(F×C) component of the output resistance contributes only 0.6
Ω to the total output
resistance. Increasing the flying capacitance only provides minimal improvement to the total output current
capability of the LM2750. In some applications it may be desirable to reduce the value of the flying capacitor
below 1 µF to reduce solution size and/or cost, but this must be done with care so that output resistance does
not increase to the point that undesired output voltage droop results. If ceramic capacitors are used, equivalent
series resistance (ESR) is a negligible factor in the total output resistance, as the ESR of quality ceramic
capacitors is typically much less than 100 m
Ω.
7.3.6 Thermal Shutdown
The LM2750 implements a thermal shutdown mechanism to protect the device from damage due to overheating.
When the junction temperature rises to 150°C (typical), the part switches into shutdown mode. The LM2750
releases thermal shutdown when the junction temperature of the part is reduced to 130°C (typical).
Thermal shutdown is most-often triggered by self-heating, which occurs when there is excessive power
dissipation in the device and/or insufficient thermal dissipation. LM2750 power dissipation increases with
increased output current and input voltage (see Power Efficiency And Power Dissipation). When self-heating
brings on thermal shutdown, thermal cycling is the typical result. Thermal cycling is the repeating process where
the part self-heats, enters thermal shutdown (where internal power dissipation is practically zero), cools, turns on,
and then heats up again to the thermal shutdown threshold. Thermal cycling is recognized by a pulsing output
voltage and can be stopped be reducing the internal power dissipation (reduce input voltage and/or output
current) or the ambient temperature. If thermal cycling occurs under desired operating conditions, thermal
dissipation performance must be improved to accommodate the power dissipation of the LM2750. The WSON
package has excellent thermal properties that, when soldered to a PCB designed to aid thermal dissipation,
allows the LM2750 to operate under very demanding power dissipation conditions.


Similar Part No. - LM2750

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2750 NSC-LM2750 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2750 TI-LM2750 Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750LD-5.0 TI-LM2750LD-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
More results

Similar Description - LM2750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2750 TI-LM2750_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750SD-50 TI-LM2750SD-50 Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com