Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2705MF-ADJ Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2705MF-ADJ
Description  LM2705 Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2705MF-ADJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2705MF-ADJ Datasheet HTML 3Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 4Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 5Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 6Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 7Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 8Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 9Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 10Page - Texas Instruments LM2705MF-ADJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
+
-
V
OUT
R2
50k
SW
FB
GND
SHDN
Current Sensing
Circuitry
Under Voltage
Lockout
400ns
One Shot
CL Adjust
CL
Comp
R1
50k
Q1
Q2
10x
R3
30k
R4
140k
Driver
2
4
5
3
1
Logic
R
F2
R
F1
Enable
Comp
V
OUT
C
OUT
L
D
V
IN
C
IN
V
IN
Enable
LM2705
www.ti.com
SNVS191E – NOVEMBER 2002 – REVISED MAY 2013
OPERATION
Figure 15. LM2705 Block Diagram
VOUT = 20V, VIN = 2.7V, IOUT = 2.5mA
1) VSW, 20V/div, DC
2) Inductor Current, 100mA/div, DC
3) VOUT, 200mV/div, AC
T = 10µs/div
Figure 16. Typical Switching Waveform
The LM2705 features a constant off-time control scheme. Operation can be best understood by referring to
Figure 15 and Figure 16. Transistors Q1 and Q2 and resistors R3 and R4 of Figure 15 form a bandgap reference
used to control the output voltage. When the voltage at the FB pin is less than 1.237V, the Enable Comp in
Figure 15 enables the device and the NMOS switch is turned on pulling the SW pin to ground. When the NMOS
switch is on, current begins to flow through inductor L while the load current is supplied by the output capacitor
COUT. Once the current in the inductor reaches the current limit, the CL Comp trips and the 400ns One Shot turns
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2705


Similar Part No. - LM2705MF-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2705MF-ADJ NSC-LM2705MF-ADJ Datasheet
367Kb / 11P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2705MF-ADJ NSC-LM2705MF-ADJ Datasheet
322Kb / 12P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
More results

Similar Description - LM2705MF-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2703 NSC-LM2703 Datasheet
307Kb / 11P
   Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2704 TI1-LM2704_15 Datasheet
1,006Kb / 19P
[Old version datasheet]   LM2704 Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2703MFX-ADJ TI1-LM2703MFX-ADJ Datasheet
1,015Kb / 19P
[Old version datasheet]   LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
logo
Linear Technology
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
LT1316 LINER-LT1316 Datasheet
344Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com