Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2679S-5.0 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2679S-5.0
Description  LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2679S-5.0 Datasheet(HTML) 3 Page - Texas Instruments

  LM2679S-5.0 Datasheet HTML 1Page - Texas Instruments LM2679S-5.0 Datasheet HTML 2Page - Texas Instruments LM2679S-5.0 Datasheet HTML 3Page - Texas Instruments LM2679S-5.0 Datasheet HTML 4Page - Texas Instruments LM2679S-5.0 Datasheet HTML 5Page - Texas Instruments LM2679S-5.0 Datasheet HTML 6Page - Texas Instruments LM2679S-5.0 Datasheet HTML 7Page - Texas Instruments LM2679S-5.0 Datasheet HTML 8Page - Texas Instruments LM2679S-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Not to scale
DAP
1
NC
14
Switch_output
2
Input
13
Switch_output
3
Input
12
Switch_output
4
CB
11
NC
5
NC
10
NC
6
Current_adjust
9
GND
7
FB
8
SS
Not to scale
1
Switch_output
2
Input
3
CB
4
GND
5
Current_adjust
6
FB
7
SS
Not to scale
3
LM2679
www.ti.com
SNVS026O – MARCH 2000 – REVISED JUNE 2016
Product Folder Links: LM2679
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
KTW Package
7-Pin TO-263
Top View
NDZ Package
7-Pin TO-220
Top View
NHM Package
14-Pin VSON
Top View
Connect DAP to pin 9
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TO-263, TO-220
VSON
Switch output
1
12, 13, 14
O
Source pin of the internal high side FET. This is a switching node. Attached
this pin to an inductor and the cathode of the external diode.
Input
2
2, 3
I
Supply input pin to collector pin of high side FET. Connect to power supply
and input bypass capacitors CIN. Path from VIN pin to high frequency
bypass CIN and GND must be as short as possible.
CB
3
4
I
Boot-strap capacitor connection for high-side driver. Connect a high quality
100-nF capacitor from CB to VSW pin.
GND
4
9
Power ground pins. Connect to system ground. Ground pins of CIN and
COUT. Path to CIN must be as short as possible.
Current adjust
5
6
I
Current limit adjust pin. Connect a resistor from this pin to GND to set the
current limit of the part.
FB
6
7
I
Feedback sense input pin. Connect to the midpoint of feedback divider to
set VOUT for adjustable version or connect this pin directly to the output
capacitor for a fixed output version.
SS
7
8
I
Soft-start pin. Connect a capacitor from this pin to GND to control the output
voltage ramp. If the feature not desired, the pin can be left floating
NC
1, 5, 10, 11
No connect pins


Similar Part No. - LM2679S-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2679S-5.0 NSC-LM2679S-5.0 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
More results

Similar Description - LM2679S-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2679 TI-LM2679_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5A Step-Down Voltage Regulator with Adjustable Current
logo
National Semiconductor ...
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2673 TI1-LM2673 Datasheet
2Mb / 37P
[Old version datasheet]   LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
logo
National Semiconductor ...
LM22679 NSC-LM22679 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM2679 NSC-LM2679 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM2678 TI1-LM2678 Datasheet
2Mb / 36P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com