Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2672M-3.3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2672M-3.3
Description  LM2672 SIMPLE SWITCHER짰 Power Converter High Efficiency 1-A Step-Down Voltage Regulator with Features
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2672M-3.3 Datasheet(HTML) 1 Page - Texas Instruments

  LM2672M-3.3 Datasheet HTML 1Page - Texas Instruments LM2672M-3.3 Datasheet HTML 2Page - Texas Instruments LM2672M-3.3 Datasheet HTML 3Page - Texas Instruments LM2672M-3.3 Datasheet HTML 4Page - Texas Instruments LM2672M-3.3 Datasheet HTML 5Page - Texas Instruments LM2672M-3.3 Datasheet HTML 6Page - Texas Instruments LM2672M-3.3 Datasheet HTML 7Page - Texas Instruments LM2672M-3.3 Datasheet HTML 8Page - Texas Instruments LM2672M-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2672
SNVS136L – SEPTEMBER 1998 – REVISED JUNE 2016
LM2672 SIMPLE SWITCHER® Power Converter High Efficiency 1-A Step-Down Voltage
Regulator with Features
1
1 Features
1
Efficiency up to 96%
Available in 8-Pin SOIC and PDIP Packages
Requires only 5 External Components
3.3-V, 5-V, 12-V, and Adjustable Output Versions
Adjustable Version Output Voltage Range: 1.21 V
to 37 V
±1.5% Maximum Output Voltage Tolerance Over
Line and Load Conditions
Specified 1-A Output Load Current
Wide Input Voltage Range: 8 V to 40 V
260-kHz Fixed Frequency Internal Oscillator
TTL Shutdown Capability, Low Power Standby
Mode
Soft-Start and Frequency Synchronization
Thermal Shutdown and Current Limit Protection
2 Applications
Simple High Efficiency (>90%) Step-Down (Buck)
Regulator
Efficient Preregulator for Linear Regulators
3 Description
The LM2672 series of regulators are monolithic
integrated DC-DC converter built with a LMDMOS
process. These regulators provide all the active
functions for a step-down (buck) switching regulator,
capable of driving a 1-A load current with excellent
line and load regulation. These devices are available
in fixed output voltages of 3.3 V, 5 V, 12 V, and an
adjustable output version.
Requiring
a
minimum
number
of
external
components, these regulators are simple to use and
include patented internal frequency compensation,
fixed frequency oscillator, external shutdown, soft-
start, and frequency synchronization.
The LM2672 series operates at a switching frequency
of
260
kHz,
thus
allowing
smaller
sized
filter
components
than
what
is
required
with
lower
frequency switching regulators. Because of its very
high efficiency (>90%), the copper traces on the
printed-circuit
board
are
the
only
heat
sinking
required.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2672
SOIC (8)
5.00 mm × 6.20 mm
PDIP (8)
10.16 mm × 6.60 mm
WSON (16)
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
Fixed output voltage versions


Similar Part No. - LM2672M-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672M-3.3 NSC-LM2672M-3.3 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672M-3.3 NSC-LM2672M-3.3 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672M-3.3 NSC-LM2672M-3.3 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2672M-3.3 TI1-LM2672M-3.3 Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672M-3.3 TI-LM2672M-3.3 Datasheet
1Mb / 33P
[Old version datasheet]   LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
More results

Similar Description - LM2672M-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM2671 TI1-LM2671 Datasheet
2Mb / 36P
[Old version datasheet]   LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com