Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2672M-12 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2672M-12
Description  LM2672 SIMPLE SWITCHER짰 Power Converter High Efficiency 1-A Step-Down Voltage Regulator with Features
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2672M-12 Datasheet(HTML) 5 Page - Texas Instruments

  LM2672M-12 Datasheet HTML 1Page - Texas Instruments LM2672M-12 Datasheet HTML 2Page - Texas Instruments LM2672M-12 Datasheet HTML 3Page - Texas Instruments LM2672M-12 Datasheet HTML 4Page - Texas Instruments LM2672M-12 Datasheet HTML 5Page - Texas Instruments LM2672M-12 Datasheet HTML 6Page - Texas Instruments LM2672M-12 Datasheet HTML 7Page - Texas Instruments LM2672M-12 Datasheet HTML 8Page - Texas Instruments LM2672M-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
LM2672
www.ti.com
SNVS136L – SEPTEMBER 1998 – REVISED JUNE 2016
Product Folder Links: LM2672
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
(1)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2672 is used as shown in Figure 19 test circuits, system performance is as specified by
the system parameters section of Electrical Characteristics.
(2)
All limits specified at room temperature and at temperature extremes. All room temperature limits are 100% production tested. All limits
at temperature extremes are specified through correlation using standard Statistical Quality Control (SQC) methods. All limits are used
to calculate Average Outgoing Quality Level (AOQL).
(3)
Typical numbers are at 25°C and represent the most likely norm.
7.5 Electrical Characteristics – 3.3 V
TJ = 25°C (unless otherwise noted; see Figure 19)
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VOUT
Output voltage
VIN = 8 V to 40 V, ILOAD = 20 mA to 1 A
TJ = 25°C
3.251
3.3
3.35
V
TJ = –40°C to 125°C
3.201
3.399
VIN = 6.5 V to 40 V,
ILOAD = 20 mA to 500 mA
TJ = 25°C
3.35
3.3
3.35
TJ = –40°C to 125°C
3.201
3.399
η
Efficiency
VIN = 12 V, ILOAD = 1 A
86%
(1)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2672 is used as shown in Figure 19 test circuits, system performance is as specified by
the system parameters section of Electrical Characteristics.
(2)
All limits specified at room temperature and at temperature extremes. All room temperature limits are 100% production tested. All limits
at temperature extremes are specified through correlation using standard Statistical Quality Control (SQC) methods. All limits are used
to calculate Average Outgoing Quality Level (AOQL).
(3)
Typical numbers are at 25°C and represent the most likely norm.
7.6 Electrical Characteristics – 5 V
TJ = 25°C (unless otherwise noted; see Figure 19)
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2) UNIT
VOUT
Output voltage
VIN = 8 V to 40 V, ILOAD = 20 mA to 1 A
TJ = 25°C
4.925
5
5.075
V
TJ = –40°C to 125°C
4.85
5.15
VIN = 6.5 V to 40 V,
ILOAD = 20 mA to 500 mA
TJ = 25°C
4.925
5
5.075
TJ = –40°C to 125°C
4.85
5.15
η
Efficiency
VIN = 12 V, ILOAD = 1 A
90%
(1)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2672 is used as shown in Figure 19 test circuits, system performance is as specified by
the system parameters section of Electrical Characteristics.
(2)
All limits specified at room temperature and at temperature extremes. All room temperature limits are 100% production tested. All limits
at temperature extremes are specified through correlation using standard Statistical Quality Control (SQC) methods. All limits are used
to calculate Average Outgoing Quality Level (AOQL).
(3)
Typical numbers are at 25°C and represent the most likely norm.
7.7 Electrical Characteristics – 12 V
TJ = 25°C (unless otherwise noted; see Figure 19)
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2) UNIT
VOUT
Output voltage
VIN = 15 V to 40 V, ILOAD = 20 mA to 1 A
TJ = 25°C
11.82
12
12.18
V
TJ = –40°C to 125°C
11.64
12.36
η
Efficiency
VIN = 24 V, ILOAD = 1 A
94%


Similar Part No. - LM2672M-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672M-12 NSC-LM2672M-12 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672M-12 NSC-LM2672M-12 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672M-12 NSC-LM2672M-12 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2672M-12 TI1-LM2672M-12 Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672M-12 TI-LM2672M-12 Datasheet
1Mb / 33P
[Old version datasheet]   LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
More results

Similar Description - LM2672M-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM2671 TI1-LM2671 Datasheet
2Mb / 36P
[Old version datasheet]   LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com