Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC1845 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSC1845
Description  Audio Frequency Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC1845 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSC1845 Datasheet HTML 1Page - Fairchild Semiconductor KSC1845 Datasheet HTML 2Page - Fairchild Semiconductor KSC1845 Datasheet HTML 3Page - Fairchild Semiconductor KSC1845 Datasheet HTML 4Page - Fairchild Semiconductor KSC1845 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B2, November 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
120
V
VCEO
Collector-Emitter Voltage
120
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
50
mA
IB
Base Current
10
mA
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB=120V, IE=0
50
nA
IEBO
Emitter Cut-off Current
VEB=5V, IC=0
50
nA
hFE1
hFE2
DC Current Gain
VCE=6V, IC=0.1mA
VCE=6V, IC=1mA
150
200
580
600
1200
VBE (on)
Base-Emitter On Voltage
VCE=6V, IC=1mA
0.55
0.59
0.65
V
VBE (sat)
Collector-Emitter Saturation Voltage
IC=10mA, IB=1mA
0.07
0.3
V
fT
Current Gain Bandwidth Product
VCE=6V, IC=1mA
50
110
MHz
Cob
Output Capacitance
VCB=30V, IE=0, f=1MHz
1.6
2.5
pF
NL
Noise Level
25
40
mV
Classification
P
F
E
U
hFE2
200 ~ 400
300 ~ 600
400 ~ 800
600 ~ 1200
KSC1845
Audio Frequency Low Noise Amplifier
• Complement to KSA992
1. Emitter 2. Collector 3. Base
TO-92
1


Similar Part No. - KSC1845

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC1845 SAMSUNG-KSC1845 Datasheet
128Kb / 3P
   NPN (AUDIO FREQUENCY LOW NOISE AMPLIFIER)
logo
Fairchild Semiconductor
KSC1845 FAIRCHILD-KSC1845 Datasheet
55Kb / 5P
   Audio Frequency Low Noise Amplifier
KSC1845FTA FAIRCHILD-KSC1845FTA Datasheet
55Kb / 5P
   Audio Frequency Low Noise Amplifier
More results

Similar Description - KSC1845

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA992 FAIRCHILD-KSA992 Datasheet
46Kb / 5P
   Audio Frequency Low Noise Amplifier
KSC2784 FAIRCHILD-KSC2784 Datasheet
46Kb / 4P
   Audio Frequency Low Noise Amplifier
KSA992FTA FAIRCHILD-KSA992FTA Datasheet
52Kb / 5P
   Audio Frequency Low Noise Amplifier
FJV992 FAIRCHILD-FJV992 Datasheet
74Kb / 5P
   Audio Frequency Low Noise Amplifier
logo
ON Semiconductor
FJV992 ONSEMI-FJV992 Datasheet
189Kb / 7P
   Audio Frequency Low Noise Amplifier
Rev. C, August 2004
logo
Fairchild Semiconductor
KSC1845FTA FAIRCHILD-KSC1845FTA Datasheet
55Kb / 5P
   Audio Frequency Low Noise Amplifier
logo
Toshiba Semiconductor
2SA1312 TOSHIBA-2SA1312_07 Datasheet
622Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SK209-Y TOSHIBA-2SK209-Y Datasheet
287Kb / 4P
   Audio Frequency Low Noise Amplifier Applications
logo
Samsung semiconductor
KSA1174 SAMSUNG-KSA1174 Datasheet
88Kb / 3P
   PNP (AUDIO FREQUENCY LOW NOISE AMPLIFIER)
KSC1845 SAMSUNG-KSC1845 Datasheet
128Kb / 3P
   NPN (AUDIO FREQUENCY LOW NOISE AMPLIFIER)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com