Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC166PWE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74HC166PWE4
Description  8-BIT PARALLEL-LOAD SHIFT REGISTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC166PWE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC166PWE4 Datasheet HTML 1Page - Texas Instruments SN74HC166PWE4 Datasheet HTML 2Page - Texas Instruments SN74HC166PWE4 Datasheet HTML 3Page - Texas Instruments SN74HC166PWE4 Datasheet HTML 4Page - Texas Instruments SN74HC166PWE4 Datasheet HTML 5Page - Texas Instruments SN74HC166PWE4 Datasheet HTML 6Page - Texas Instruments SN74HC166PWE4 Datasheet HTML 7Page - Texas Instruments SN74HC166PWE4 Datasheet HTML 8Page - Texas Instruments SN74HC166PWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
SN54HC166, SN74HC166
8BIT PARALLELLOAD SHIFT REGISTERS
SCLS117D − DECEMBER 1982 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC166
SN74HC166
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
4.2
5
fclock
Clock frequency
4.5 V
31
21
25
MHz
fclock
Clock frequency
6 V
36
25
29
MHz
2 V
100
150
125
CLR low
4.5 V
20
30
25
tw
Pulse duration
CLR low
6 V
17
26
21
ns
tw
Pulse duration
2 V
80
120
100
ns
CLK high or low
4.5 V
16
24
20
CLK high or low
6 V
14
20
17
2 V
145
220
180
SH/LD high before CLK
4.5 V
29
44
36
SH/LD high before CLK
6 V
25
38
31
2 V
80
120
100
SER before CLK
4.5 V
16
24
20
SER before CLK
6 V
14
20
17
2 V
100
150
125
tsu
Setup time
CLK INH low before CLK
4.5 V
20
30
25
ns
tsu
Setup time
CLK INH low before CLK
6 V
17
26
21
ns
2 V
80
120
100
Data before CLK
4.5 V
16
24
20
Data before CLK
6 V
14
20
17
2 V
40
60
50
CLR inactive before CLK
4.5 V
8
12
10
CLR inactive before CLK
6 V
7
10
9
2 V
0
0
0
SH/LD high after CLK
4.5 V
0
0
0
SH/LD high after CLK
6 V
0
0
0
2 V
5
5
5
SER after CLK
4.5 V
5
5
5
th
Hold time
SER after CLK
6 V
5
5
5
ns
th
Hold time
2 V
0
0
0
ns
CLK INH high after CLK
4.5 V
0
0
0
CLK INH high after CLK
6 V
0
0
0
2 V
5
5
5
Data after CLK
4.5 V
5
5
5
Data after CLK
6 V
5
5
5


Similar Part No. - SN74HC166PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC166PWE4 TI-SN74HC166PWE4 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results

Similar Description - SN74HC166PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com