Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC244DBLE Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74HC244DBLE
Description  Octal Buffers and Line Drivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC244DBLE Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74HC244DBLE Datasheet HTML 7Page - Texas Instruments SN74HC244DBLE Datasheet HTML 8Page - Texas Instruments SN74HC244DBLE Datasheet HTML 9Page - Texas Instruments SN74HC244DBLE Datasheet HTML 10Page - Texas Instruments SN74HC244DBLE Datasheet HTML 11Page - Texas Instruments SN74HC244DBLE Datasheet HTML 12Page - Texas Instruments SN74HC244DBLE Datasheet HTML 13Page - Texas Instruments SN74HC244DBLE Datasheet HTML 14Page - Texas Instruments SN74HC244DBLE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
1OE
1
1A1
2
18
1Y1
1A2
4
16
1Y1
1A3
6
14
1Y1
1A4
8
12
1Y4
2OE
19
2A1
11
9
1Y1
2A2
13
7
1Y1
2A3
15
5
1Y1
2A4
17
3
1Y4
Copyright © 2016, Texas Instruments Incorporated
11
SN54HC244, SN74HC244
www.ti.com
SCLS130E – DECEMBER 1982 – REVISED MAY 2016
Product Folder Links: SN54HC244 SN74HC244
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SNx4HC244 device is organized as two 4-bit buffers and line drivers with separate output-enable (OE)
inputs. When OE is low, the device passes data from the A inputs to the Y outputs. When OE is high, the outputs
are in the high-impedance state. To ensure the high-impedance state during power up or power down, OE
should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-
sinking capability of the driver.
8.2 Functional Block Diagram
8.3 Feature Description
The SNx4HC244 has a wide operating voltage of 2 V to 6 V. Inputs accept voltage levels up to VCC. This device
has a low power consumption of ICC 80 µA (maximum). The SNx4HC244 device can drive ±6 mA at VCC of 5 V.
8.4 Device Functional Modes
Table 2 lists the functions of the SNx4HC244.
Table 2. Function Table
(Each Buffer or Driver)
INPUTS
OUTPUT
OE
A
Y
L
H
H
L
L
L
H
X
Z


Similar Part No. - SN74HC244DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC244DBLE TI-SN74HC244DBLE Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC244DBLE TI-SN74HC244DBLE Datasheet
717Kb / 19P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HC244DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com