Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26LV Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM26LV
Description  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LV Datasheet(HTML) 4 Page - Texas Instruments

  LM26LV Datasheet HTML 1Page - Texas Instruments LM26LV Datasheet HTML 2Page - Texas Instruments LM26LV Datasheet HTML 3Page - Texas Instruments LM26LV Datasheet HTML 4Page - Texas Instruments LM26LV Datasheet HTML 5Page - Texas Instruments LM26LV Datasheet HTML 6Page - Texas Instruments LM26LV Datasheet HTML 7Page - Texas Instruments LM26LV Datasheet HTML 8Page - Texas Instruments LM26LV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Example: 2 to 3
Battery Cells
VDD Supply
(+1.6V to +5.5V)
GND
VDD
OVERTEMP
OVERTEMP
VTEMP
TRIP TEST
Microcontroller
LM26LV
Analog
ADC Input
LM26LV
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
www.ti.com
Typical Application
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3V to +6.0V
Voltage at OVERTEMP pin
−0.3V to +6.0V
Voltage at OVERTEMP and VTEMP pins
−0.3V to (VDD + 0.5V)
TRIP TEST Input Voltage
−0.3V to (VDD + 0.5V)
Output Current, any output pin
±7 mA
Input Current at any pin(2)
5 mA
Storage Temperature
−65°C to +150°C
Maximum Junction Temperature, TJ(MAX)
+155°C
Human Body Model
4500V
ESD Susceptibility(3)
Machine Model
300V
Charged Device Model
1000V
For soldering specifications: see product folder at www.ti.com and http://www.ti.com/lit/SNOA549
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
(2)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > VDD), the current at that pin should be limited to 5mA.
(3)
The Human Body Model (HBM) is a 100pF capacitor charged to the specified voltage then discharged through a 1.5k
Ω resistor into
each pin. The Machine Model (MM) is a 200pF capacitor charged to the specified voltage then discharged directly into each pin. The
Charged Device Model (CDM) is a specified circuit characterizing an ESD event that occurs when a device acquires charge through
some triboelectric (frictional) or electrostatic induction processes and then abruptly touches a grounded object or surface.
Operating Ratings
(1)
Specified Temperature Range:
TMIN ≤ TA ≤ TMAX
LM26LV/LM26LV-Q1
−50°C ≤ TA ≤ +150°C
Supply Voltage Range (VDD)
+1.6 V to +5.5 V
Thermal Resistance (
θJA)
(2)
WSON-6 (Package NGF0006A)
152 °C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
(2)
The junction to ambient temperature resistance (
θJA) is specified without a heat sink in still air.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM26LV


Similar Part No. - LM26LV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26LV NSC-LM26LV Datasheet
517Kb / 18P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
logo
Texas Instruments
LM26LV TI-LM26LV Datasheet
1Mb / 33P
[Old version datasheet]   The LM26LV/LM26LV-Q1 is a low-voltage, precision, dual-output, low-power temperature switch and temperature sensor.
logo
National Semiconductor ...
LM26LV NSC-LM26LV Datasheet
546Kb / 20P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
LM26LVCISD NSC-LM26LVCISD Datasheet
517Kb / 18P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
LM26LVCISD-050 NSC-LM26LVCISD-050 Datasheet
546Kb / 20P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
More results

Similar Description - LM26LV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26LV NSC-LM26LV_08 Datasheet
546Kb / 20P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
LM26LV NSC-LM26LV Datasheet
517Kb / 18P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
logo
Texas Instruments
SM72480 TI1-SM72480 Datasheet
1Mb / 26P
[Old version datasheet]   SM72480 SolarMagic 1.6V, WSON-6 Factory Preset Temperature Switch and Temperature
logo
National Semiconductor ...
SM72480 NSC-SM72480 Datasheet
491Kb / 18P
   SolarMagic 1.6V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
[Old version datasheet]   Factory Preset Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com