Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC244 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC244
Description  Octal Buffers and Line Drivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC244 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC244_16 Datasheet HTML 1Page - Texas Instruments SN54HC244_16 Datasheet HTML 2Page - Texas Instruments SN54HC244_16 Datasheet HTML 3Page - Texas Instruments SN54HC244_16 Datasheet HTML 4Page - Texas Instruments SN54HC244_16 Datasheet HTML 5Page - Texas Instruments SN54HC244_16 Datasheet HTML 6Page - Texas Instruments SN54HC244_16 Datasheet HTML 7Page - Texas Instruments SN54HC244_16 Datasheet HTML 8Page - Texas Instruments SN54HC244_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1OE
1
1A1
2
18
1Y1
1A2
4
16
1Y1
1A3
6
14
1Y1
1A4
8
12
1Y4
2OE
19
2A1
11
9
1Y1
2A2
13
7
1Y1
2A3
15
5
1Y1
2A4
17
3
1Y4
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN54HC244, SN74HC244
SCLS130E – DECEMBER 1982 – REVISED MAY 2016
SNx4HC244 Octal Buffers and Line Drivers With 3-State Outputs
1
1 Features
1
Wide Operating Voltage Range of 2 V to 6 V
High-Current Outputs Drive Up to 15 LSTTL
Loads
3-State Outputs Drive Bus Lines or Buffer Memory
Address Registers
Low Power Consumption: ICC, 80-µA (Maximum)
Typical tpd = 11 ns
±6-mA Output Drive at 5 V
Low Input Current of 1 µA (Maximum)
On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
of All Parameters.
2 Applications
Servers
LED Displays
Network Switches
Telecom Infrastructure
Motor Drivers
I/O Expanders
3 Description
The SNx4HC244 octal buffers and line drivers are
designed
specifically
to
improve
both
the
performance and density of 3-state memory address
drivers, clock drivers, and bus-oriented receivers and
transmitters. The SNx4HC244 devices are organized
as two 4-bit buffers and drivers with separate output-
enable (OE) inputs. When OE is low, the device
passes noninverted data from the A inputs to the Y
outputs. When OE is high, the outputs are in the
high-impedance state.
Device Information(1)
PART NUMBER
PACKAGE (PINS)
BODY SIZE (NOM)
SN54HC244
CDIP (20)
6.92 mm × 24.38 mm
CFP (20)
6.92 mm × 13.72 mm
LCCC (20)
8.89 mm × 8.89 mm
SN74HC244DB
SSOP (20)
5.30 mm × 7.25 mm
SN74HC244DW
SOIC (20)
7.50 mm × 12.80 mm
SN74HC244N
PDIP (20)
6.30 mm × 25.40 mm
SN74HC244NS
SOP (20)
5.30 mm × 12.60 mm
SN74HC244PW
TSSOP (20)
4.40 mm × 6.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)


Similar Part No. - SN54HC244_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC244 TI1-SN54HC244_18 Datasheet
1Mb / 32P
[Old version datasheet]   Octal Buffers and Line Drivers With 3-State Outputs
More results

Similar Description - SN54HC244_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com