Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS1005 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS1005
Description  HEX INVERTING BUFFERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS1005 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS1005 Datasheet HTML 1Page - Texas Instruments SN74ALS1005 Datasheet HTML 2Page - Texas Instruments SN74ALS1005 Datasheet HTML 3Page - Texas Instruments SN74ALS1005 Datasheet HTML 4Page - Texas Instruments SN74ALS1005 Datasheet HTML 5Page - Texas Instruments SN74ALS1005 Datasheet HTML 6Page - Texas Instruments SN74ALS1005 Datasheet HTML 7Page - Texas Instruments SN74ALS1005 Datasheet HTML 8Page - Texas Instruments SN74ALS1005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SN54ALS1005, SN74ALS1005
HEX INVERTING BUFFERS
WITH OPENCOLLECTOR OUTPUTS
SDAS240A − APRIL 1982 − REVISED JANUARY 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state output voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS1005
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS1005
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS1005
SN74ALS1005
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
VOH
High-level output voltage
5.5
5.5
V
IOL
Low-level output current
12
24
mA
TA
Operating free-air temperature
−55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS1005
SN74ALS1005
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.5
−1.5
V
VOL
VCC = 4.5 V
IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
IOH
VCC = 4.5 V,
VOH = 5.5 V
0.1
0.1
mA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
− 0.1
− 0.1
mA
ICCH
VCC = 5.5 V,
VI = 0
0.9
3
0.9
3
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
7
12
7
12
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 680 Ω,
TA = MIN to MAX§
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54ALS1005
SN74ALS1005
UNIT
MIN
MAX
MIN
MAX
tPLH
A
Y
2
32
5
30
ns
tPHL
A
Y
2
12
2
10
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN74ALS1005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS1005 TI-SN74ALS1005 Datasheet
69Kb / 4P
[Old version datasheet]   HEX INVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS1005D TI-SN74ALS1005D Datasheet
69Kb / 4P
[Old version datasheet]   HEX INVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS1005N TI-SN74ALS1005N Datasheet
69Kb / 4P
[Old version datasheet]   HEX INVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
More results

Similar Description - SN74ALS1005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B_15 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
logo
Nexperia B.V. All right...
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
   Hex inverting buffers
HEF4049B NEXPERIA-HEF4049B Datasheet
724Kb / 12P
   Hex inverting buffers
Rev. 11 - 23 June 2016
logo
NXP Semiconductors
HEF4049BP.652 NXP-HEF4049BP.652 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
logo
National Semiconductor ...
CD4009C NSC-CD4009C Datasheet
112Kb / 4P
   Hex Buffers (Inverting)
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B Datasheet
19Kb / 1P
   HEX inverting buffers
January 1995
HEF4049B NXP-HEF4049B Datasheet
73Kb / 11P
   Hex inverting buffers
Rev. 05-11 November 2008
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
   HEX non-inverting buffers
January 1995
logo
Nexperia B.V. All right...
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
   Hex non-inverting buffers
logo
Fairchild Semiconductor
CD4010C FAIRCHILD-CD4010C Datasheet
53Kb / 5P
   Hex Buffers (Non-Inverting)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com