Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMX3 Datasheet(PDF) 2 Page - Rohm

Part # IMX3
Description  General purpose (dual transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMX3 Datasheet(HTML) 2 Page - Rohm

  IMX3 Datasheet HTML 1Page - Rohm IMX3 Datasheet HTML 2Page - Rohm IMX3 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMX2 / EMX3 / UMX2N / UMX3N / IMX2 / IMX3
Transistors
!
External dimensions (Units : mm)
UMX2N / UMX3N
Each lead has same dimensions
ROHM : UMT6
EIAJ : SC-88
0.1Min.
2.1
1.25
IMX2 / IMX3
Each lead has same dimensions
ROHM : SMT6
EIAJ : SC-74
0.3Min.
2.8
1.6
Each lead has same dimensions
ROHM : EMT6
EMX2 / EMX3
1.2
1.6
(1)
(2)
(5)
(3)
(6)
(4)


Similar Part No. - IMX3

ManufacturerPart #DatasheetDescription
logo
Rohm
IMX3 ROHM-IMX3 Datasheet
46Kb / 3P
   General purpose (dual transistors)
IMX3 ROHM-IMX3 Datasheet
110Kb / 4P
   General purpose (dual transistors)
IMX3 ROHM-IMX3 Datasheet
110Kb / 4P
   General purpose (dual transistors)
logo
Sony Corporation
IMX323LQ-C SONY-IMX323LQ-C Datasheet
1Mb / 78P
   Diagonal 6.23 mm (Type 1/2.9) CMOS Image Sensor with Square Pixel for Color Cameras
IMX323LQN SONY-IMX323LQN Datasheet
286Kb / 2P
   Diagonal 6.23 mm (Type 1/2.9) Approx. 2.19M-Effective Pixel Color CMOS Image Sensor
More results

Similar Description - IMX3

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com