Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE8803P Datasheet(PDF) 3 Page - Seaward Electronics Inc.

Part # SE8803P
Description  Dual-Output Low Quiescent Current LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE8803P Datasheet(HTML) 3 Page - Seaward Electronics Inc.

  SE8803P Datasheet HTML 1Page - Seaward Electronics Inc. SE8803P Datasheet HTML 2Page - Seaward Electronics Inc. SE8803P Datasheet HTML 3Page - Seaward Electronics Inc. SE8803P Datasheet HTML 4Page - Seaward Electronics Inc. SE8803P Datasheet HTML 5Page - Seaward Electronics Inc. SE8803P Datasheet HTML 6Page - Seaward Electronics Inc. SE8803P Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com.cn • Page
3
9/4/2012
SE8803
Dual-Output Low Quiescent Current LDO
Recommended Operating Conditions
Parameter
Symbol
Value
Units
Supply Input Voltage
VIN1
7.0 to +22
V
VIN2
13 to +28
V
Junction Temperature
TJ
-40 to +85
°C
Electrical Characteristics
VIN1 = 8V, VIN2 = 13V; IOUT = 10mA; CIN1 =COUT1= 1
μF; C
IN2 =COUT2= 1
μF ;T
J = 25°C; unless otherwise specified
Symbol
Parameter
Conditions
SE8803
Unit
Min
Typ
Max
VO1
Output Voltage
IOUT = 10mA
4.9
5
5.1
V
VO2
IOUT = 10mA
11.368
11.6
11.832
V
ΔV
O1
Line Regulation
7V
≤ V
IN1
≤ 20V
--
0.07
--
%/V
ΔV
O2
13V
≤ V
IN2
≤ 26V
--
0.11
--
%/V
ΔV
O1
Load Regulation
1mA
≤ I
O1
≤ 50mA
--
50
--
mV
ΔV
O2
10mA
≤ I
O2
≤150mA
--
320
--
mV
IQ1
Quiescent Current
IO1=10mA
--
0.65
--
mA
IQ2
IO2=10mA
2.21
mA
IO2=100mA
1.7
mA
ΔI
Q1
Quiescent Current
Change
7V
≤ V
IN
≤ 20V
--
0.32
--
mA
IQ2
13V
≤ V
IN
≤ 24V
--
0.56
--
mA
VD1
Dropout Voltage
ΔV
O1=-2%
-
0.82
--
V
VD2
ΔV
O2=-2%
-
0.82
--
V
IPK1
Peak Output Current
VIN1=8V
50
60
--
mA
VIN1=15V
90
100
--
mA
IPK2
VIN2 = 13V
150
200
--
mA
ΔV
O1
/ΔT
Average Output Voltage
Tempco
IO1 = 10mA
--
0.1
--
mV/°C
ΔV
O2
/ΔT
IO2 = 10mA
--
0.8
--
mV/°C
TOTP
Thermal Protection
Temperature
--
150
--
°C
VIN1 (Min)
Minimum Value of Input
Voltage Required to
Maintain Line Regulation
IO1 = 10mA
5.8
6.2
--
V
VIN2 (Min)
IO2 = 10mA
--
13
--
V


Similar Part No. - SE8803P

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
SE8801AK SEAWARD-SE8801AK Datasheet
469Kb / 7P
   Low Quiescent Current LDO
SE8801BH SEAWARD-SE8801BH Datasheet
469Kb / 7P
   Low Quiescent Current LDO
SE8801BK SEAWARD-SE8801BK Datasheet
469Kb / 7P
   Low Quiescent Current LDO
SE8801CK SEAWARD-SE8801CK Datasheet
469Kb / 7P
   Low Quiescent Current LDO
More results

Similar Description - SE8803P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1302A MICROCHIP-TC1302A_13 Datasheet
529Kb / 26P
   Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
TC1302A MICROCHIP-TC1302A Datasheet
570Kb / 26P
   LOW QUIESCENT CURRENT DUAL OUTPUT LDO
2005
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
   Low Quiescent Current LDO
08/20/13
logo
SHANGHAI BELLING CO., L...
BL9152 BELLING-BL9152 Datasheet
202Kb / 4P
   40V Input, 500mA Output Current, Low Dropout, Low Quiescent Current LDO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com