Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE8119AKXLF Datasheet(PDF) 4 Page - Seaward Electronics Inc.

Part # SE8119AKXLF
Description  800mA Positive Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE8119AKXLF Datasheet(HTML) 4 Page - Seaward Electronics Inc.

  SE8119AKXLF Datasheet HTML 1Page - Seaward Electronics Inc. SE8119AKXLF Datasheet HTML 2Page - Seaward Electronics Inc. SE8119AKXLF Datasheet HTML 3Page - Seaward Electronics Inc. SE8119AKXLF Datasheet HTML 4Page - Seaward Electronics Inc. SE8119AKXLF Datasheet HTML 5Page - Seaward Electronics Inc. SE8119AKXLF Datasheet HTML 6Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Revision 5/9/2012
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2006. • www.seawardinc.com.cn • Page 4
PSRR vs Frequency
30.0
35.0
40.0
45.0
50.0
55.0
60.0
100
1000
10000
frequency (Hz)
Output Voltage vs Junction Temperature
3.290
3.300
3.310
3.320
3.330
3.340
3.350
3.360
25
45
65
85
105
125
Junction Temperature (C)
Dropout Voltage vs Load Current
0.9
1
1.1
1.2
1.3
1.4
1.5
0
200
400
600
800
Load Current (A)
Output Voltage vs Load Current
3.315
3.32
3.325
3.33
3.335
3.34
3.345
3.35
3.355
3.36
0
200
400
600
800
Load Current (mA)


Similar Part No. - SE8119AKXLF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE8119C SEAWARD-SE8119C Datasheet
217Kb / 5P
   800mA Positive Voltage Regulators
More results

Similar Description - SE8119AKXLF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE8119C SEAWARD-SE8119C Datasheet
217Kb / 5P
   800mA Positive Voltage Regulators
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com