Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA88 Datasheet(PDF) 58 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button ATMEGA88 Datasheet HTML 54Page - ATMEL Corporation ATMEGA88 Datasheet HTML 55Page - ATMEL Corporation ATMEGA88 Datasheet HTML 56Page - ATMEL Corporation ATMEGA88 Datasheet HTML 57Page - ATMEL Corporation ATMEGA88 Datasheet HTML 58Page - ATMEL Corporation ATMEGA88 Datasheet HTML 59Page - ATMEL Corporation ATMEGA88 Datasheet HTML 60Page - ATMEL Corporation ATMEGA88 Datasheet HTML 61Page - ATMEL Corporation ATMEGA88 Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 349 page
background image
58
ATmega48/88/168
2545D–AVR–07/04
tions. This is also the case if the Reset Vector is in the Application section while the
Interrupt Vectors are in the Boot section or vice versa.
Note:
1. The Boot Reset Address is shown in Table 109 on page 268. For the BOOTRST
Fuse “1” means unprogrammed while “0” means programmed.
The most typical and general program setup for the Reset and Interrupt Vector
Addresses in ATmega168 is:
Address
Labels Code
Comments
0x0000
jmp
RESET
; Reset Handler
0x0002
jmp
EXT_INT0
; IRQ0 Handler
0x0004
jmp
EXT_INT1
; IRQ1 Handler
0x0006
jmp
PCINT0
; PCINT0 Handler
0x0008
jmp
PCINT1
; PCINT1 Handler
0x000A
jmp
PCINT2
; PCINT2 Handler
0x000C
jmp
WDT
; Watchdog Timer Handler
0x000E
jmp
TIM2_COMPA
; Timer2 Compare A Handler
0x0010
jmp
TIM2_COMPB
; Timer2 Compare B Handler
0x0012
jmp
TIM2_OVF
; Timer2 Overflow Handler
0x0014
jmp
TIM1_CAPT
; Timer1 Capture Handler
0x0016
jmp
TIM1_COMPA
; Timer1 Compare A Handler
0x0018
jmp
TIM1_COMPB
; Timer1 Compare B Handler
0x001A
jmp
TIM1_OVF
; Timer1 Overflow Handler
0x001C
jmp
TIM0_COMPA
; Timer0 Compare A Handler
0x001E
jmp
TIM0_COMPB
; Timer0 Compare B Handler
0x0020
jmp
TIM0_OVF
; Timer0 Overflow Handler
0x0022
jmp
SPI_STC
; SPI Transfer Complete Handler
0x0024
jmp
USART_RXC
; USART, RX Complete Handler
0x0026
jmp
USART_UDRE
; USART, UDR Empty Handler
0x0028
jmp
USART_TXC
; USART, TX Complete Handler
0x002A
jmp
ADC
; ADC Conversion Complete
Handler
0x002C
jmp
EE_RDY
; EEPROM Ready Handler
0x002E
jmp
ANA_COMP
; Analog Comparator Handler
0x0030
jmp
TWI
; 2-wire Serial Interface
Handler
0x0032
jmp
SPM_RDY
; Store Program Memory Ready
Handler
;
0x0033RESET:
ldi
r16, high(RAMEND); Main program start
Table 30. Reset and Interrupt Vectors Placement in ATmega168
(1)
BOOTRST
IVSEL
Reset Address
Interrupt Vectors Start Address
1
0
0x000
0x001
1
1
0x000
Boot Reset Address + 0x0002
0
0
Boot Reset Address
0x001
0
1
Boot Reset Address
Boot Reset Address + 0x0002


Similar Part No. - ATMEGA88

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA88 ATMEL-ATMEGA88 Datasheet
402Kb / 33P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
356Kb / 22P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
76Kb / 6P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA88

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com