Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS133DE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALS133DE4
Description  Package Options Include Plastic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS133DE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS133DE4 Datasheet HTML 1Page - Texas Instruments SN74ALS133DE4 Datasheet HTML 2Page - Texas Instruments SN74ALS133DE4 Datasheet HTML 3Page - Texas Instruments SN74ALS133DE4 Datasheet HTML 4Page - Texas Instruments SN74ALS133DE4 Datasheet HTML 5Page - Texas Instruments SN74ALS133DE4 Datasheet HTML 6Page - Texas Instruments SN74ALS133DE4 Datasheet HTML 7Page - Texas Instruments SN74ALS133DE4 Datasheet HTML 8Page - Texas Instruments SN74ALS133DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54ALS133, SN74ALS133
13-INPUT POSITIVE-NAND GATES
SDAS202B – APRIL 1982 – REVISED DECEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These devices contain a 13-input positive-NAND
gate.
They
perform
the
following
Boolean
functions in positive logic:
Y=A
•B•C•D•E•F•G•H•I•J•K•L•M
Y=A +B +C +D +E +F +G +H +I +J +K +L +M
The SN54ALS133 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74ALS133 is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS A – M
OUTPUT
Y
All inputs H
L
One or more inputs L
H
logic symbol
logic diagram (positive logic)
&
Y
9
1
A
2
B
3
C
4
D
5
E
13
K
14
L
15
M
6
F
7
G
10
H
11
I
12
J
Y
9
1
A
2
B
3
C
4
D
5
E
13
K
14
L
15
M
6
F
7
G
10
H
11
I
12
J
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54ALS133 ...J PACKAGE
SN74ALS133 ...D OR N PACKAGE
(TOP VIEW)
SN54ALS133 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
C
D
E
F
G
GND
VCC
M
L
K
J
I
H
Y
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
L
K
NC
J
I
C
D
NC
E
F
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALS133DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS133D TI-SN74ALS133D Datasheet
79Kb / 5P
[Old version datasheet]   13-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74ALS133DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS04B TI1-SN54ALS04B_14 Datasheet
1Mb / 20P
[Old version datasheet]   Package Options Include Plastic
SN54ALS32 TI1-SN54ALS32_15 Datasheet
1Mb / 18P
[Old version datasheet]   Package Options Include Plastic
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
DB Lectro Inc
WH2002D DBLECTRO-WH2002D Datasheet
684Kb / 2P
   5x8 dots include cursor
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
Integrated Device Techn...
89HPEB383 IDT-89HPEB383 Datasheet
3Mb / 264P
   Topics discussed include the following
logo
KODENSHI_AUK CORP.
EL321 KODENSHI-EL321 Datasheet
141Kb / 3P
   Plastic mold package
logo
MMD Components
KSAC1 MMD-KSAC1 Datasheet
99Kb / 1P
   Plastic SMD Package
logo
Newhaven Display Intern...
FCISFV20R-1STE1LF NEWHAVEN-FCISFV20R-1STE1LF Datasheet
743Kb / 9P
   Plastic Tape Package
FCISFV21R-1STE1LF NEWHAVEN-FCISFV21R-1STE1LF Datasheet
743Kb / 9P
   Plastic Tape package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com