Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-86840012A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-86840012A
Description  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-86840012A Datasheet(HTML) 5 Page - Texas Instruments

  5962-86840012A Datasheet HTML 1Page - Texas Instruments 5962-86840012A Datasheet HTML 2Page - Texas Instruments 5962-86840012A Datasheet HTML 3Page - Texas Instruments 5962-86840012A Datasheet HTML 4Page - Texas Instruments 5962-86840012A Datasheet HTML 5Page - Texas Instruments 5962-86840012A Datasheet HTML 6Page - Texas Instruments 5962-86840012A Datasheet HTML 7Page - Texas Instruments 5962-86840012A Datasheet HTML 8Page - Texas Instruments 5962-86840012A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN54ALS191A, SN74ALS191A
SYNCHRONOUS 4BIT UP/DOWN BINARY COUNTERS
SDAS210C − DECEMBER 1982 − REVISED JULY 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS191A
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS191A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS191A
SN74ALS191A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
− 0.4
− 0.4
mA
IOL
Low-level output current
4
8
mA
fclock
Clock frequency
0
20
0
30
MHz
tw
Pulse duration
CLK high or low
20
16.5
ns
tw
Pulse duration
LOAD low
25
20
ns
Data before LOAD
25
20
tsu
Setup time
CTEN before CLK
45
20
ns
tsu
Setup time
D/U before CLK
30
20
ns
LOAD inactive before CLK
20
20
Data after LOAD
5
5
th
Hold time
CTEN after CLK
0
0
ns
D/U after CLK
0
0
ns
TA
Operating free-air temperature
−55
125
0
70
°C


Similar Part No. - 5962-86840012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-86841012A TI1-5962-86841012A Datasheet
1Mb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
5962-8684101CA TI1-5962-8684101CA Datasheet
1Mb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
5962-8684101DA TI1-5962-8684101DA Datasheet
1Mb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
5962-86842012A TI-5962-86842012A Datasheet
497Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
5962-86842012A TI1-5962-86842012A Datasheet
1Mb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - 5962-86840012A

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS193A TI1-SN54ALS193A_15 Datasheet
404Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54HC191 TI-SN54HC191 Datasheet
473Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B Datasheet
823Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS669 HITACHI-HD74LS669 Datasheet
102Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B_08 Datasheet
826Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com