Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT541PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT541PW
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT541PW Datasheet(HTML) 4 Page - Texas Instruments

  SN74AHCT541PW Datasheet HTML 1Page - Texas Instruments SN74AHCT541PW Datasheet HTML 2Page - Texas Instruments SN74AHCT541PW Datasheet HTML 3Page - Texas Instruments SN74AHCT541PW Datasheet HTML 4Page - Texas Instruments SN74AHCT541PW Datasheet HTML 5Page - Texas Instruments SN74AHCT541PW Datasheet HTML 6Page - Texas Instruments SN74AHCT541PW Datasheet HTML 7Page - Texas Instruments SN74AHCT541PW Datasheet HTML 8Page - Texas Instruments SN74AHCT541PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SN54AHCT541
SN74AHCT541
SCLS269P – OCTOBER 1995 – REVISED JUNE 2013
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = –40°C TO
TA = –55°C TO
TA = –40°C TO
125°C
125°C
85°C
TA = 25°C
FROM
TO
LOAD
Recommended
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
SN54AHCT541
SN54AHCT541
SN54AHCT541
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
4.1(1)
6.0(1)
1(1)
6.5(1)
1
6.5
1
6.5
A
Y
CL = 15 pF
ns
tPHL
4.1(1)
6.0(1)
1(1)
6.5(1)
1
6.5
1
6.5
tPZH
5.0(1)
7.0(1)
1(1)
8.0(1)
1
8.0
1
8.0
OE
Y
CL = 15 pF
ns
tPZL
5.0(1)
7.0(1)
1(1)
8.0(1)
1
8.0
1
8.0
tPHZ
4.5(1)
7.0(1)
1(1)
8.0(1)
1
8.0
1
8.0
OE
Y
CL = 15 pF
ns
tPLZ
4.5(1)
7.0(1)
1(1)
8.0(1)
1
8.0
1
8.0
tPLH
6.2
8.5
1
9.5
1
9.5
1
9.5
A
Y
CL = 50 pF
ns
tPHL
6.2
8.5
1
9.5
1
9.5
1
9.5
tPZH
7.5
10.0
1
12
1
12
1
12
OE
Y
CL = 50 pF
ns
tPZL
7.5
10.0
1
12
1
12
1
12
tPHZ
7.0
10.0
1
12
1
12
1
12
OE
Y
CL = 50 pF
ns
tPLZ
7.0
10.0
1
12
1
12
1
12
tsk(o)
CL = 50 pF
1(2)
1
1
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(2)
On products compliant to MIL-PRF-38535, this parameter does not apply
OPERATING CHARACTERISTICS
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
12
pF
4
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: SN54AHCT541 SN74AHCT541


Similar Part No. - SN74AHCT541PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT541PW TI-SN74AHCT541PW Datasheet
531Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT541PW TI-SN74AHCT541PW Datasheet
582Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT541PW TI-SN74AHCT541PW Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT541PW TI-SN74AHCT541PW Datasheet
712Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT541PWE4 TI-SN74AHCT541PWE4 Datasheet
531Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHCT541PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com