Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5318 Datasheet(PDF) 3 Page - Seaward Electronics Inc.

Part # SE5318
Description  300mA CMOS LDO with PGOOD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5318 Datasheet(HTML) 3 Page - Seaward Electronics Inc.

  SE5318 Datasheet HTML 1Page - Seaward Electronics Inc. SE5318 Datasheet HTML 2Page - Seaward Electronics Inc. SE5318 Datasheet HTML 3Page - Seaward Electronics Inc. SE5318 Datasheet HTML 4Page - Seaward Electronics Inc. SE5318 Datasheet HTML 5Page - Seaward Electronics Inc. SE5318 Datasheet HTML 6Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Revision 12/30/2011
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2006. • www.seawardinc.com.cn • Page 3
Electrical Characteristic
TA = 25
℃, V
IN
=5V unless otherwise noted
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input Voltage Range
VIN
Note
6
V
Output Voltage
VO
IO=1mA
-2
2
%
Dropout Voltage
VDROP
OUT
IO=300mA
2.0V<VO(NOM)<=2.
8V
400
mV
VO=VONO
M -2.0%
2.8V<VO(NOM)<3.8
V
300
Output Current
IO
VO>1.2V
300
mA
Current Limit
ILIM
VO>1.2V
550
mA
Quiescent Current
IQ
IO=0mA
35
50
uA
Line Regulation
REGlIN
IO=5mA ; VIN=VO+1 to 5.5V
0.1
%/V
Load Regulation
REGLO
IO=1mA to 300mA
0.2
%
Over TemeratureShutdown
OTS
150
Over Temerature Hysterisis
OTH
30
VO Temperature
TC
30
ppm/
Power Supply Rejection
PSRR
IO=100mA
f=100Hz
60
dB
f=1kHz
35
Output Voltage Noise
eN
f=10Hz to
100kHz
Co=2.2mF
30
uVrms
ADJ Input Bias Current
IADJ
30
nA
ADJ Reference Voltage
VREF
-2%
1.21
+2%
V
EN Input Threshold
VEH
VIN=2.7V to 6V
2.0
Vin
V
VEL
VIN=2.7V to 6V
0
0.4
V
EN Input Bias Current
IEN
VEN=VIN, VIN=2.7V to 6V
0.1
mA
Shutdown Supply Current
ISD
VIN=5V, VO=0V, VEN<VEL
0.5
1
uA
Shutdown Output Voltage
VO,SD
IO=35mA,VEN<VEL
0
0.1
V
Output Under Voltage
VUV
85
%VO(N
Output Over Voltage
VOV
115
%VO(N
PG Leakage Current
ILC
VPG=5.5V
1
mA
PG Voltage Rating
VPG
VO in regulation
5.5
V
PG Voltage Low
VOL
ISINK=0.4mA
0.4
V
Note1:Vin(min)=Vout+Vdropout


Similar Part No. - SE5318

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE531 PHILIPS-SE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Seaward Electronics Inc...
SE5317 SEAWARD-SE5317 Datasheet
250Kb / 6P
   300mA CMOS LDO
SE5317-LF SEAWARD-SE5317-LF Datasheet
250Kb / 6P
   300mA CMOS LDO
logo
NXP Semiconductors
SE531FE PHILIPS-SE531FE Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
More results

Similar Description - SE5318

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
   150mA LDO Regulator with PGOOD
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com