Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C4V3LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BZX84C4V3LT1G
Description  Zener Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX84C4V3LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  BZX84C4V3LT1G Datasheet HTML 1Page - ON Semiconductor BZX84C4V3LT1G Datasheet HTML 2Page - ON Semiconductor BZX84C4V3LT1G Datasheet HTML 3Page - ON Semiconductor BZX84C4V3LT1G Datasheet HTML 4Page - ON Semiconductor BZX84C4V3LT1G Datasheet HTML 5Page - ON Semiconductor BZX84C4V3LT1G Datasheet HTML 6Page - ON Semiconductor BZX84C4V3LT1G Datasheet HTML 7Page - ON Semiconductor BZX84C4V3LT1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
December, 2004 − Rev. 8
1
Publication Order Number:
BZX84C2V4LT1/D
BZX84B4V7LT1,
BZX84C2V4LT1 Series
Zener Voltage Regulators
225 mW SOT−23 Surface Mount
This series of Zener diodes is offered in the convenient, surface
mount plastic SOT−23 package. These devices are designed to provide
voltage regulation with minimum space requirement. They are well
suited for applications such as cellular phones, hand held portables,
and high density PC boards.
Features
Pb−Free Packages are Available
225 mW Rating on FR−4 or FR−5 Board
Zener Breakdown Voltage Range − 2.4 V to 75 V
Package Designed for Optimal Automated Board Assembly
Small Package Size for High Density Applications
ESD Rating of Class 3 (>16 KV) per Human Body Model
Tight Tolerance Series Available (See Page 4)
Mechanical Characteristics
CASE:
Void-free, transfer-molded, thermosetting plastic case
FINISH:
Corrosion resistant finish, easily Solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
POLARITY:
Cathode indicated by polarity band
FLAMMABILITY RATING:
UL 94 V−0
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Total Power Dissipation on FR−5 Board,
(Note 1) @ TA = 25°C
PD
225
mW
(Note 1) @ TA = 25 C
Derated above 25
°C
Thermal Resistance, Junction−to−Ambient
RqJA
225
1.8
556
mW
mW/
°C
°C/W
Total Power Dissipation on Alumina
Substrate, (Note 2) @ TA = 25°C
PD
300
mW
Substrate, (Note 2) @ TA = 25 C
Derated above 25
°C
Thermal Resistance, Junction−to−Ambient
RqJA
300
2.4
417
mW
mW/
°C
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−65 to
+150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
1. FR−5 = 1.0 X 0.75 X 0.62 in.
2. Alumina = 0.4 X 0.3 X 0.024 in., 99.5% alumina.
Device*
Package
Shipping
ORDERING INFORMATION
SOT−23
CASE 318
STYLE 8
3
Cathode
1
Anode
BZX84CxxxLT1
SOT−23
3000/Tape & Reel
MARKING DIAGRAM
See specific marking information in the device marking
column of the Electrical Characteristics table on page 3 of
this data sheet.
DEVICE MARKING INFORMATION
xxx = Specific Device Code
M
=Month Code
xxxM
*The “T1” suffix refers to an 8 mm, 7 inch reel.
The “T3” suffix refers to an 8 mm, 13 inch reel.
BZX84CxxxLT3
SOT−23
10,000/Tape & Reel
3
1
2
BZX84BxxxLT1
SOT−23
3000/Tape & Reel
BZX84BxxxLT3
SOT−23
10,000/Tape & Reel
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
BZX84CxxxLT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
BZX84BxxxLT1G
SOT−23
(Pb−Free)
3000/Tape & Reel


Similar Part No. - BZX84C4V3LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BZX84C4V3LT1G ONSEMI-BZX84C4V3LT1G Datasheet
79Kb / 7P
   Zener Voltage Regulators
October, 2005 ??Rev. 11
BZX84C4V3LT1G ONSEMI-BZX84C4V3LT1G Datasheet
142Kb / 7P
   Zener Voltage Regulators
May, 2013 ??Rev. 17
BZX84C4V3LT1G ONSEMI-BZX84C4V3LT1G Datasheet
91Kb / 7P
   Zener Voltage Regulators
October, 2016 ??Rev. 22
BZX84C4V3LT1G ONSEMI-BZX84C4V3LT1G Datasheet
79Kb / 7P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
BZX84C4V3LT1G ONSEMI-BZX84C4V3LT1G Datasheet
182Kb / 7P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 13
More results

Similar Description - BZX84C4V3LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com