Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM4339XKWBGT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # BCM4339XKWBGT
Description  Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4339XKWBGT Datasheet(HTML) 2 Page - Cypress Semiconductor

  BCM4339XKWBGT Datasheet HTML 1Page - Cypress Semiconductor BCM4339XKWBGT Datasheet HTML 2Page - Cypress Semiconductor BCM4339XKWBGT Datasheet HTML 3Page - Cypress Semiconductor BCM4339XKWBGT Datasheet HTML 4Page - Cypress Semiconductor BCM4339XKWBGT Datasheet HTML 5Page - Cypress Semiconductor BCM4339XKWBGT Datasheet HTML 6Page - Cypress Semiconductor BCM4339XKWBGT Datasheet HTML 7Page - Cypress Semiconductor BCM4339XKWBGT Datasheet HTML 8Page - Cypress Semiconductor BCM4339XKWBGT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 183 page
background image
4339-DS106-R
5300 California Avenue • Irvine, CA 92617 • Phone: 949-926-5000 • Fax: 949-926-5203
November 17, 2014
Preliminary Data Sheet
BCM4339
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio
with Integrated Bluetooth 4.1 and FM Receiver
GENERAL DESCRIPT ION
GENERAL DESCRIPT ION
The Broadcom® BCM4339 single-chip device provides
the highest level of integration for a mobile or
handheld wireless system with integrated single-
stream IEEE 802.11ac MAC/baseband/radio,
Bluetooth 4.1 and FM radio receiver. In IEEE 802.11ac
mode, the WLAN operation supports rates of MCS0–
MCS9 (up to 256 QAM) in 20 MHz, 40 MHz, and 80
MHz channels for data rates up to 433.3 Mbps. In
addition, all the rates specified in IEEE 802.11a/b/g/n
are supported. Included on-chip are 2.4 GHz and
5 GHz transmit amplifiers, and receive low-noise
amplifiers. Optional external PAs, LNAs, and antenna
diversity are also supported.
For the WLAN section, several alternative host
interface options are included: an SDIO v3.0 interface
that can operate in 4b, 1b, or gSPI modes and a PCIe
Gen1 interface (3.0 compliant). For the Bluetooth
section, host interface options of a high-speed 4-wire
UART and USB 2.0 full-speed (12 Mbps) are
provided.
Using advanced design techniques and process
technology to reduce active and idle power, the
BCM4339 is designed to address the needs of mobile
devices that require minimal power consumption
and compact size. It includes a power management
unit which simplifies the system power topology and
allows for direct operation from a mobile platform
battery while maximizing battery life.
The BCM4339 implements highly sophisticated
enhanced collaborative coexistence hardware
mechanisms and algorithms, which ensure that
WLAN and Bluetooth collaboration is optimized for
maximum performance. In addition, coexistence
support for external radios (such as LTE cellular,
GPS, and WiMAX) is provided via an external
interface. As a result, enhanced overall quality for
simultaneous voice, video, and data transmission is
achieved.


Similar Part No. - BCM4339XKWBGT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM4339XKWBG CYPRESS-BCM4339XKWBG Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
More results

Similar Description - BCM4339XKWBGT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKUBGT CYPRESS-BCM4356XKUBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com