Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5167BHN-LF Datasheet(PDF) 7 Page - Seaward Electronics Inc.

Part # SE5167BHN-LF
Description  300mA CMOS LDO Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5167BHN-LF Datasheet(HTML) 7 Page - Seaward Electronics Inc.

  SE5167BHN-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE5167BHN-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE5167BHN-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE5167BHN-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE5167BHN-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE5167BHN-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE5167BHN-LF Datasheet HTML 7Page - Seaward Electronics Inc. SE5167BHN-LF Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Revision 1/4/2010
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2006. • www.seawardinc.com.cn • Page 7
OUTLINE DRAWING SOT-23-3L (SC-59)
OUTLINE DRAWING TO-92
B
C
A
D
E
F
J
G
H
K
L
MIN
MAX
MIN
MAX
A
0.110
0.120
2.80
3.04
B
0.047
0.055
1.20
1.40
C
0.083
0.104
2.10
2.64
D
0.035
0.040
0.89
1.03
E
0.070
0.080
1.78
2.05
F
0.018
0.024
0.45
0.60
G
0.015
0.020
0.37
0.51
H
0.0005 0.004
0.013
0.10
J
0.034
0.040
0.887
1.02
K
0.003
0.007
0.085
0.18
L
-
0.027
-
0.69
DIM
N
INCHES
MM
DIMENSIONS
A
B
D
E
G
F
H
K
J
MIN MAX MIN MAX
A
0.175 0.205 4.445 5.207
B
0.170 0.210 4.318 5.334
E
0.500 0.610 12.70 15.50
F
0.016 0.021 0.407 0.533
G
0.045 0.055 1.143 1.397
H
0.095 0.105 2.413 2.667
J
0.080 0.105 2.032 2.667
K
0.125 0.165 3.175 4.191
DIM
N
INCHES
MM
DIMENSIONS


Similar Part No. - SE5167BHN-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5167BLG-LF SEAWARD-SE5167BLG-LF Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167BLN-LF SEAWARD-SE5167BLN-LF Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5167BHN-LF

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com