Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54BCT620AFK Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54BCT620AFK
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54BCT620AFK Datasheet(HTML) 3 Page - Texas Instruments

  SNJ54BCT620AFK Datasheet HTML 1Page - Texas Instruments SNJ54BCT620AFK Datasheet HTML 2Page - Texas Instruments SNJ54BCT620AFK Datasheet HTML 3Page - Texas Instruments SNJ54BCT620AFK Datasheet HTML 4Page - Texas Instruments SNJ54BCT620AFK Datasheet HTML 5Page - Texas Instruments SNJ54BCT620AFK Datasheet HTML 6Page - Texas Instruments SNJ54BCT620AFK Datasheet HTML 7Page - Texas Instruments SNJ54BCT620AFK Datasheet HTML 8Page - Texas Instruments SNJ54BCT620AFK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN54BCT620A, SN74BCT620A
OCTAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS001B − SEPTEMBER 1987 − REVISED NOVEMBER 1993
2−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54BCT620A
SN74BCT620A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
A port
VCC = 4.5 V
IOH = −1 mA
2.5
3.4
2.5
3.4
A port
VCC = 4.5 V
IOH = − 3 mA
2.4
3.3
2.4
3.3
VOH
IOH = − 3 mA
2.4
3.3
2.4
3.3
V
VOH
B port
VCC = 4.5 V
IOH = −12 mA
2
3.2
V
B port
VCC = 4.5 V
IOH = −15 mA
2
3.1
A port
VCC = 4.5 V
IOL = 20 mA
0.3
0.5
VOL
A port
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
VOL
B port
VCC = 4.5 V
IOL = 48 mA
0.38
0.55
V
B port
VCC = 4.5 V
IOL = 64 mA
0.42
0.55
II
A or B port
VCC = 5.5 V,
VI = 5.5 V
1
1
mA
II
OEAB or OEBA
VCC = 5.5 V,
VI = 5.5 V
0.1
0.1
mA
IIH‡
A or B port
VCC = 5.5 V,
VI = 2.7 V
70
70
A
IIH‡
OEAB or OEBA
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL‡
A or B port
VCC = 5.5 V,
VI = 0.5 V
− 0.65
− 0.65
mA
IIL‡
OEAB or OEBA
VCC = 5.5 V,
VI = 0.5 V
−0.6
−0.6
mA
IOS§
A port
VCC = 5.5 V,
VO = 0
−60
−150
−60
−150
mA
IOS§
B port
VCC = 5.5 V,
VO = 0
−100
− 225
−100
− 225
mA
ICCL
A to B
VCC = 5.5 V
53
84
53
84
mA
ICCH
A to B
VCC = 5.5 V
23
37
23
37
mA
ICCZ
VCC = 5.5 V
4
10
4
10
mA
Ci
OEAB or OEBA
VCC = 5 V,
VI = 2.5 V or 0.5 V
5
5
pF
Cio
A to B
VCC = 5 V,
VO = 2.5 V or 0.5 V
9
9
pF
Cio
B to A
VCC = 5 V,
VO = 2.5 V or 0.5 V
12
12
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.


Similar Part No. - SNJ54BCT620AFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54BCT623FK TI-SNJ54BCT623FK Datasheet
530Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SNJ54BCT623J TI-SNJ54BCT623J Datasheet
530Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SNJ54BCT623J TI1-SNJ54BCT623J Datasheet
97Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SNJ54BCT623W TI-SNJ54BCT623W Datasheet
530Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54BCT620AFK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com