Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9088901M2A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9088901M2A
Description  QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9088901M2A Datasheet(HTML) 1 Page - Texas Instruments

  5962-9088901M2A Datasheet HTML 1Page - Texas Instruments 5962-9088901M2A Datasheet HTML 2Page - Texas Instruments 5962-9088901M2A Datasheet HTML 3Page - Texas Instruments 5962-9088901M2A Datasheet HTML 4Page - Texas Instruments 5962-9088901M2A Datasheet HTML 5Page - Texas Instruments 5962-9088901M2A Datasheet HTML 6Page - Texas Instruments 5962-9088901M2A Datasheet HTML 7Page - Texas Instruments 5962-9088901M2A Datasheet HTML 8Page - Texas Instruments 5962-9088901M2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN54BCT126A, SN74BCT126A
QUADRUPLE BUS BUFFER GATES
WITH 3-STATE OUTPUTS
SCBS252A – SEPTEMBER 1988 – REVISED APRIL 1994
Copyright
© 1994, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
State-of-the-Art BiCMOS Design
Significantly Reduces ICCZ
ESD Protection Exceeds 2000 V Per
MIL-STD-883C, Method 3015
3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK) and Flatpacks (W), and
Standard Plastic and Ceramic 300-mil
DIPs (J, N)
description
The
′BCT126A bus buffer features independent
line drivers with 3-state outputs. Each output is
disabled when the associated output-enable (OE)
input is low.
The SN54BCT126A is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74BCT126A is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
Y
H
H
H
H
LL
L
X
Z
SN54BCT126A ...J OR W PACKAGE
SN74BCT126A ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3OE
1Y
NC
2OE
NC
2A
SN54BCT126A . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - 5962-9088901M2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9088101M2A TI-5962-9088101M2A Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
5962-9088101MPA TI-5962-9088101MPA Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
5962-9088101MPA TI1-5962-9088101MPA Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
5962-9088101MPA TI1-5962-9088101MPA Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
5962-9088101MPA TI1-5962-9088101MPA Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - 5962-9088901M2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC126 TI-SN54HC126_08 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G125A POTATO-PO74G125A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ABT125 TI1-SN54ABT125_15 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHC126 TI-SN54AHC126_08 Datasheet
577Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54BCT125A TI-SN54BCT125A Datasheet
491Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54LV125A TI-SN54LV125A_10 Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A Datasheet
345Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_07 Datasheet
926Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A_07 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com