Electronic Components Datasheet Search |
|
SN74AHC244 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN74AHC244 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 31 page SN54AHC244, SN74AHC244 SCLS226K – OCTOBER 1995 – REVISED JULY 2014 www.ti.com 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VCC Supply voltage range –0.5 7 V VI Input voltage range(2) –0.5 7 V VO Output voltage range(3) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –20 mA IOK Output clamp current VO < 0 or VO > VCC ±20 mA IO Continuous output current VO = 0 to VCC ±25 mA Continuous current through each VCC or GND ±50 mA (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) The package thermal impedance is calculated in accordance with JESD 51-7. 7.2 Handling Ratings MIN MAX UNIT Tstg Storage temperature range –65 150 °C Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all 0 1500 pins(1) V(ESD) Electrostatic discharge V Charged device model (CDM), per JEDEC specification 0 2000 JESD22-C101, all pins(2) (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) (1) SN54AHC244 SN74AHC244 UNIT MIN MAX MIN MAX VCC Supply voltage 2 5.5 2 5.5 V VCC = 2 V 1.5 1.5 VIH High-level input voltage VCC = 3 V 2.1 2.1 V VCC = 5.5 V 3.85 3.85 VCC = 2 V 0.5 0.5 VIL Low level input voltage VCC = 3 V 0.9 0.9 V VCC = 5.5 V 1.65 1.65 VI Input voltage 0 5.5 0 5.5 V VO Output voltage 0 VCC 0 VCC V VCC = 2 V –50 –50 µA IOH High-level output current VCC = 3.3 V ± 0.3 V –4 –4 mA VCC = 5 V ± 0.5 V –8 –8 VCC = 2 V 50 50 µA IOL Low level output current VCC = 3.3 V ± 0.3 V 4 4 mA VCC = 5 V ± 0.5 V 8 8 VCC = 3.3 V ± 0.3 V 100 100 Δt/Δv Input transition rise or fall rate ns/V VCC = 5 V ± 0.5 V 20 20 TA Operating free-air temperature –55 125 –40 125 °C (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 4 Submit Documentation Feedback Copyright © 1995–2014, Texas Instruments Incorporated Product Folder Links: SN54AHC244 SN74AHC244 |
Similar Part No. - SN74AHC244 |
|
Similar Description - SN74AHC244 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |