Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFK80N65X2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFK80N65X2
Description  X2-Class HiPerFETTM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK80N65X2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFK80N65X2 Datasheet HTML 1Page - IXYS Corporation IXFK80N65X2 Datasheet HTML 2Page - IXYS Corporation IXFK80N65X2 Datasheet HTML 3Page - IXYS Corporation IXFK80N65X2 Datasheet HTML 4Page - IXYS Corporation IXFK80N65X2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFH80N65X2
IXFK80N65X2
Fig. 8. Input Admittance
0
10
20
30
40
50
60
70
80
90
100
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
VGS - Volts
TJ = 125ºC
25ºC
- 40ºC
Fig. 7. Maximum Drain Current vs.
Case Temperature
0
10
20
30
40
50
60
70
80
90
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 9. Transconductance
0
10
20
30
40
50
60
70
80
90
0
1020
30405060
70
8090
100
ID - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 10. Forward Voltage Drop of Intrinsic Diode
0
20
40
60
80
100
120
140
160
180
200
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 11. Gate Charge
0
2
4
6
8
10
0
204060
80
100
120
140
QG - NanoCoulombs
VDS = 325V
I D = 40A
I G = 10mA
Fig. 12. Capacitance
1
10
100
1,000
10,000
100,000
1
10
100
1000
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss


Similar Part No. - IXFK80N65X2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFK80N65X2 ISC-IXFK80N65X2 Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFK80N65X2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN100N65X2 IXYS-IXFN100N65X2 Datasheet
134Kb / 5P
   X2-Class HiPerFETTM
IXFH60N65X2 IXYS-IXFH60N65X2 Datasheet
156Kb / 5P
   X2-Class HiPerFETTM
IXFK100N65X2 IXYS-IXFK100N65X2 Datasheet
202Kb / 5P
   X2-Class HiPerFETTM
IXFN150N65X2 IXYS-IXFN150N65X2 Datasheet
132Kb / 5P
   X2-Class HiPerFETTM
IXFN170N65X2 IXYS-IXFN170N65X2 Datasheet
131Kb / 5P
   X2-Class HiPerFETTM
IXFT80N65X2HV IXYS-IXFT80N65X2HV Datasheet
197Kb / 6P
   X2-Class HiPerFETTM
IXFA22N65X2 IXYS-IXFA22N65X2 Datasheet
209Kb / 6P
   X2-Class HiPerFETTM
IXFA34N65X2 IXYS-IXFA34N65X2 Datasheet
210Kb / 6P
   X2-Class HiPerFETTM
IXFH46N65X2 IXYS-IXFH46N65X2 Datasheet
155Kb / 5P
   X2-Class HiPerFETTM
IXFT60N65X2HV IXYS-IXFT60N65X2HV Datasheet
197Kb / 6P
   X2-Class HiPerFETTM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com