Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE1484 Datasheet(PDF) 5 Page - Seaward Electronics Inc.

Part # SE1484
Description  3A 27V Synchronous Buck Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE1484 Datasheet(HTML) 5 Page - Seaward Electronics Inc.

  SE1484 Datasheet HTML 1Page - Seaward Electronics Inc. SE1484 Datasheet HTML 2Page - Seaward Electronics Inc. SE1484 Datasheet HTML 3Page - Seaward Electronics Inc. SE1484 Datasheet HTML 4Page - Seaward Electronics Inc. SE1484 Datasheet HTML 5Page - Seaward Electronics Inc. SE1484 Datasheet HTML 6Page - Seaward Electronics Inc. SE1484 Datasheet HTML 7Page - Seaward Electronics Inc. SE1484 Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com.cn • Page 5
9/4/2012
SE1484
3A 27V Synchronous Buck Converter
Applications
inductance value。
L based on the ripple current requirement:
Where VIN is the input voltage, VOUT is the output
voltage, fSW is the switching frequency, IOUTMAX is the
maximum output current, and KRIPPLE is the ripple
factor. Typically, choose KRIPPLE =~ 30% to correspond to
the peak-to-peak ripple current being ~30% of the
maximum output current.
With this inductor value, the peak inductor current is
IOUT•(1+KRIPPLE/2). Make sure that this peak inductor
current is less than the upper switch current limit. Finally,
select the inductor core size so that it does not saturate at
the current limit. Typical inductor values for various output
voltages are shown in Table 2.
Table 2. Typical Inductor Values
Output Voltage Setting
Figure1. Output Voltage Setting
Figure 1 shows the connections for setting the output
voltage. Select the proper ratio of the two feedback
resistors R1 and R2 based on the output voltage.
Typically, use R2≈
10KΩ and determine R1 from the
following equation:
Table1-Recommended Resistance Values:
VOUT
1V
1.2V
1.8V
2.5V
3.3V
5V
9V
L(uH)
4.7
4.7
10
10
10
10
22
VOUT
R1
R2
Input Capacitor
The input capacitor needs to be carefully selected to
maintain sufficiently low ripple at the supply input of the
converter. A low ESR Electrolytic (EC) capacitor is highly
recommended. Since large current flows in and out of this
capacitor during switching, its ESR also affects efficiency.
When EC cap is used, the input capacitance needs to be
equal to or higher than 68uF. The RMS ripple current
rating needs to be higher than 50% of the output current.
The input capacitor should be placed close to the VIN and
GND pins of the IC, with the shortest traces possible. The
input capacitor can be placed a little bit away if a small
parallel 0.1uF ceramic capacitor is placed right next to the
IC.
When Vin is >15V, pure ceramic Cin (* no EC cap) is
not recommended. This is because the ESR of a
ceramic cap is often too small, Pure ceramic Cin will work
1V
1.0K
Ω
12K
Ω
1.2V
3.0K
Ω
10K
Ω
1.8V
9.53K
Ω
10K
Ω
2.5V
16.9K
Ω
10K
Ω
3.3V
26.1K
Ω
10K
Ω
5V
44.2K
Ω
10K
Ω
12V
121K
Ω
10K
Ω
Inductor Selection
The inductor maintains a continuous current to the
output load. This inductor current has a ripple that is
dependent on the inductance value: higher inductance
reduces the peak-to-peak ripple current. The trade off
for high inductance value is the increase in inductor
core size and series resistance, and the reduction in
current handling capability. In general, select an


Similar Part No. - SE1484

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1482 SEAWARD-SE1482 Datasheet
698Kb / 9P
   2A 27V Synchronous Buck Converter
SE1482-HF SEAWARD-SE1482-HF Datasheet
698Kb / 9P
   2A 27V Synchronous Buck Converter
More results

Similar Description - SE1484

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LSP5523 LITEON-LSP5523 Datasheet
641Kb / 16P
   3A 27V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5523 DIODES-LSP5523 Datasheet
836Kb / 17P
   3A 27V Synchronous Buck Converter
Rev. 7 - 2 May 2022
LSP5527 DIODES-LSP5527 Datasheet
815Kb / 17P
   2A 27V Synchronous Buck Converter
Rev. 8 - 2 May 2022
logo
Seaward Electronics Inc...
SE1482 SEAWARD-SE1482 Datasheet
698Kb / 9P
   2A 27V Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
   3A Synchronous Buck Converter
logo
E-CMOS Corporation
EC3284S E-CMOS-EC3284S Datasheet
1,005Kb / 9P
   3A 28V Synchronous Buck Converter
logo
Monolithic Power System...
MP2363 MPS-MP2363 Datasheet
356Kb / 11P
   3A, 27V, 365KHz Step-Down Converter
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
   3A 5V 2MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com