Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

592D106X-025R2-15H Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 592D106X-025R2-15H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D106X-025R2-15H Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 592D106X-025R2-15H Datasheet HTML 2Page - Vishay Siliconix 592D106X-025R2-15H Datasheet HTML 3Page - Vishay Siliconix 592D106X-025R2-15H Datasheet HTML 4Page - Vishay Siliconix 592D106X-025R2-15H Datasheet HTML 5Page - Vishay Siliconix 592D106X-025R2-15H Datasheet HTML 6Page - Vishay Siliconix 592D106X-025R2-15H Datasheet HTML 7Page - Vishay Siliconix 592D106X-025R2-15H Datasheet HTML 8Page - Vishay Siliconix 592D106X-025R2-15H Datasheet HTML 9Page - Vishay Siliconix 592D106X-025R2-15H Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.vishay.com
79
592D
Vishay Sprague
Document Number 40004
Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
TYPICAL CURVES @ + 25°C, IMPEDANCE AND ESR VS FREQUENCY
"R" Case
10
µF, 25 V
100
10
1
0.1
0.01
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
100
µF, 6.3 V
"S" Case
100
10
1
0.1
0.01
FREQUENCY IN HERTZ
100
1000
10000
100000
1000000
IMPEDANCE
ESR
IMPEDANCE
ESR
33 - 6.3V
100
1kHz
10kHz
100kHz
1MHz
10MHz
100
1kHz
10kHz
100kHz
1MHz
10MHz
FREQUENCY (Hz)
592D 1000-6.3V X CASE ESR/IMPEDANCE VS FREQUENCY
10.00
1.00
0.10
0.01
IMPEDANCE
ESR
592D 2200-4V Y CASE ESR/IMPEDANCE VS FREQUENCY
100
1kHz
10kHz
100kHz
1MHz
10MHz
FREQUENCY (Hz)
10.00
1.00
0.10
0.01
IMPEDANCE
ESR
FREQUENCY (Hz)
592D 1500-6.3V Y CASE ESR/IMPEDANCE VS FREQUENCY
10.00
1.00
0.10
0.01
100
1kHz
10kHz
100kHz
1MHz
10MHz
IMPEDANCE
ESR
FREQUENCY (Hz)
592D 1500-4V X CASE ESR/IMPEDANCE VS FREQUENCY
10
1
0.1
0.01
IMPEDANCE
ESR


Similar Part No. - 592D106X-025R2-15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D106X0004R2T VISHAY-592D106X0004R2T Datasheet
835Kb / 22P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
592D106X0004R2W VISHAY-592D106X0004R2W Datasheet
835Kb / 22P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
592D106X0004R4T VISHAY-592D106X0004R4T Datasheet
835Kb / 22P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
592D106X0004R4W VISHAY-592D106X0004R4W Datasheet
835Kb / 22P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
592D106X0004R8T VISHAY-592D106X0004R8T Datasheet
835Kb / 22P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
More results

Similar Description - 592D106X-025R2-15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D VISHAY-572D Datasheet
121Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 15-May-06
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D VISHAY-572D_17 Datasheet
931Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated, Maximum CV
Revision: 23-Nov-17
592D VISHAY-592D_08 Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com