Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AER19-19-21CB Datasheet(PDF) 2 Page - CTS Corporation

Part # AER19-19-21CB
Description  Precision forging technology for high power applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

AER19-19-21CB Datasheet(HTML) 2 Page - CTS Corporation

  AER19-19-21CB Datasheet HTML 1Page - CTS Corporation AER19-19-21CB Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8
CTS
®
SERIES AER FORGED HEAT SINKS
Part Number
Fin Matrix
(Rows x Columns)
Length x Width x Height
(mm)
Thermal Resistance
(°C/Watt)
Pressure Drop
(inches of water)
NATURAL CONVECTION
FORCED
CONVECTION @ 200 LFPM
AER27-27-12CB
3 x 9
26.6 x 26.6 x 11.6
12.3
4.2
0.020
AER27-27-15CB
3 x 9
26.6 x 26.6 x 14.6
11.6
3.9
0.020
AER27-27-18CB
3 x 9
26.6 x 26.6 x 17.6
11.1
3.6
0.020
AER27-27-21CB
3 x 9
26.6 x 26.6 x 20.6
10.7
3.3
0.020
AER27-27-23CB
3 x 9
26.6 x 26.6 x 22.6
10.3
3.1
0.020
AER27-27-28CB
3 x 9
26.6 x 26.6 x 27.6
9.5
2.8
0.020
AER27-27-33CB
3 x 9
26.6 x 26.6 x 32.6
8.7
2.5
0.020
AER29-29-12CB
3 x 9
28.6 x 28.6 x 11.6
12.1
4.4
0.020
AER29-29-15CB
3 x 9
28.6 x 28.6 x 14.6
11.5
3.8
0.020
AER29-29-18CB
3 x 9
28.6 x 28.6 x 17.6
10.9
3.6
0.020
AER29-29-21CB
3 x 9
28.6 x 28.6 x 20.6
10.5
3.3
0.020
AER29-29-23CB
3 x 9
28.6 x 28.6 x 22.6
10.2
3.1
0.020
AER29-29-28CB
3 x 9
28.6 x 28.6 x 27.6
9.4
2.7
0.020
AER29-29-33CB
3 x 9
28.6 x 28.6 x 32.6
8.6
2.5
0.020
AER31-31-12CB
3 x 11
30.6 x 30.6 x 11.6
11.8
3.4
0.014
AER31-31-15CB
3 x 11
30.6 x 30.6 x 14.6
11.2
3.1
0.014
AER31-31-18CB
3 x 11
30.6 x 30.6 x 17.6
10.6
2.9
0.014
AER31-31-21CB
3 x 11
30.6 x 30.6 x 20.6
10.2
2.6
0.014
AER31-31-23CB
3 x 11
30.6 x 30.6 x 22.6
9.9
2.4
0.014
AER31-31-28CB
3 x 11
30.6 x 30.6 x 27.6
9.2
2.1
0.014
AER31-31-33CB
3 x 11
30.6 x 30.6 x 32.6
8.4
1.9
0.014
AER33-33-12CB
3 x 11
32.6 x 32.6 x 11.6
11.3
3.2
0.012
AER33-33-15CB
3 x 11
32.6 x 32.6 x 14.6
10.7
3.0
0.012
AER33-33-18CB
3 x 11
32.6 x 32.6 x 17.6
10.2
2.7
0.012
AER33-33-21CB
3 x 11
32.6 x 32.6 x 20.6
9.8
2.5
0.012
AER33-33-23CB
3 x 11
32.6 x 32.6 x 22.6
9.5
2.4
0.012
AER33-33-28CB
3 x 11
32.6 x 32.6 x 27.6
8.8
2.1
0.012
AER33-33-33CB
3 x 11
32.6 x 32.6 x 32.6
8.0
1.9
0.012
AER35-35-12CB
4 x 12
34.6 x 34.6 x 11.6
10.6
3.3
0.018
AER35-35-15CB
4 x 12
34.6 x 34.6 x 14.6
10.1
3.0
0.018
AER35-35-18CB
4 x 12
34.6 x 34.6 x 17.6
9.6
2.8
0.018
AER35-35-21CB
4 x 12
34.6 x 34.6 x 20.6
9.2
2.6
0.018
AER35-35-23CB
4 x 12
34.6 x 34.6 x 22.6
8.9
2.4
0.018
AER35-35-28CB
4 x 12
34.6 x 34.6 x 27.6
8.3
2.0
0.018
AER35-35-33CB
4 x 12
34.6 x 34.6 x 32.6
7.6
1.8
0.018
AER38-38-12CB
4 x 13
37.1 x 37.1 x 11.6
10.1
3.0
0.025
AER38-38-15CB
4 x 13
37.1 x 37.1 x 14.6
9.6
2.8
0.025
AER38-38-18CB
4 x 13
37.1 x 37.1 x 17.6
9.1
2.5
0.025
AER38-38-21CB
4 x 13
37.1 x 37.1 x 20.6
8.8
2.3
0.025
AER38-38-23CB
4 x 13
37.1 x 37.1 x 22.6
8.5
2.1
0.025
AER38-38-28CB
4 x 13
37.1 x 37.1 x 27.6
7.9
1.9
0.025
AER38-38-33CB
4 x 13
37.1 x 37.1 x 32.6
7.2
1.7
0.025
AER40-40-12CB
4 x 14
39.6 x 39.6 x 11.6
9.7
3.0
0.026
AER40-40-15CB
4 x 14
39.6 x 39.6 x 14.6
9.2
2.7
0.026
AER40-40-18CB
4 x 14
39.6 x 39.6 x 17.6
8.7
2.4
0.026
AER40-40-21CB
4 x 14
39.6 x 39.6 x 20.6
8.4
2.1
0.026
AER40-40-23CB
4 x 14
39.6 x 39.6 x 22.6
8.1
2.0
0.026
AER40-40-28CB
4 x 14
39.6 x 39.6 x 27.6
7.5
1.7
0.026
AER40-40-33CB
4 x 14
39.6 x 39.6 x 32.6
6.9
1.6
0.026
AER43-43-12CB
4 x 15
42.1 x 42.1 x 11.6
9.3
2.8
0.027
AER43-43-15CB
4 x 15
42.1 x 42.1 x 14.6
8.8
2.5
0.027
AER43-43-18CB
4 x 15
42.1 x 42.1 x 17.6
8.3
2.3
0.027
AER43-43-21CB
4 x 15
42.1 x 42.1 x 20.6
8.0
2.0
0.027
AER43-43-23CB
4 x 15
42.1 x 42.1 x 22.6
7.8
1.9
0.027
AER43-43-28CB
4 x 15
42.1 x 42.1 x 27.6
7.2
1.6
0.027
AER43-43-33CB
4 x 15
42.1 x 42.1 x 32.6
6.6
1.4
0.027
AER45-45-12CB
4 x 16
44.6 x 44.6 x 11.6
8.7
2.7
0.020
AER45-45-15CB
4 x 16
44.6 x 44.6 x 14.6
8.2
2.4
0.020
AER45-45-18CB
4 x 16
44.6 x 44.6 x 17.6
7.8
2.2
0.020
AER45-45-21CB
4 x 16
44.6 x 44.6 x 20.6
7.5
2.0
0.020
AER45-45-23CB
4 x 16
44.6 x 44.6 x 22.6
7.3
1.9
0.020
AER45-45-28CB
4 x 16
44.6 x 44.6 x 27.6
6.7
1.6
0.020
AER45-45-33CB
4 x 16
44.6 x 44.6 x 32.6
6.1
1.4
0.020
MATERIAL: 6063 Aluminum Alloy, Black Anodized


Similar Part No. - AER19-19-21CB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
AER19-19-21CB CTS-AER19-19-21CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
AER19-19-21CB/S CTS-AER19-19-21CB/S Datasheet
169Kb / 4P
   AER Forged Heat Sinks
More results

Similar Description - AER19-19-21CB

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-80 OHMITE-RES-80 Datasheet
336Kb / 2P
   Designed for precision power applications
logo
Vishay Siliconix
CSM2512S VISHAY-CSM2512S Datasheet
628Kb / 5P
   Technology High Precision, Current Sensing, Power Surface Mount
Revision: 3-May-11
logo
Infineon Technologies A...
TLV4968-1T INFINEON-TLV4968-1T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4964-5T INFINEON-TLV4964-5T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
TLI4965-5M INFINEON-TLI4965-5M_16 Datasheet
673Kb / 17P
   High Precision Hall Effect Switch for 5V Applications
Revision 1.0, 2016-01-11
TLI4963-1M INFINEON-TLI4963-1M_16 Datasheet
673Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
TLV4961-1T INFINEON-TLV4961-1T_15 Datasheet
719Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLI4963-2M INFINEON-TLI4963-2M_16 Datasheet
672Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
TLV4964-4T INFINEON-TLV4964-4T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4961-3T INFINEON-TLV4961-3T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com