Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C256A-15TIN Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C256A-15TIN
Description  5V 32K X 8 CMOS SRAM (Common I/O)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C256A-15TIN Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C256A-15TIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C256A-15TIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C256A-15TIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C256A-15TIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C256A-15TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C256A-15TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C256A-15TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C256A-15TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C256A-15TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
®
AS7C256A
9/24/04; v.1.2
Alliance Semiconductor
P. 4 of 9
Read cycle (over the operating range)2,8
Key to switching waveforms
Read waveform 1 (address controlled)2,5,6,8
Read waveform 2 (CE controlled)2,5,7,8
Parameter
Symbol
-10
-12
-15
-20
Unit Notes
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
10
–12–15–
20
ns
Address access time
tAA
10
12
15
20
ns
2
Chip enable (CE) access time
tACE
10
12
15
20
ns
2
Output enable (OE) access time
tOE
–5–6–7–
8
ns
Output hold from address change
tOH
3–3–3–3
ns
4
CE LOW to output in low Z
tCLZ
3–3–3–3
ns
3,4
CE HIGH to output in high Z
tCHZ
–3–3–4–
5
ns
3,4
OE LOW to output in low Z
tOLZ
0–0–0–0
ns
3,4
OE HIGH to output in high Z
tOHZ
–3–3–4–
5
ns
3,4
Power up time
tPU
0–0–0–0
ns
3,4
Power down time
tPD
10
12
15
20
ns
3,4
Undefined output/don’t care
Falling input
Rising input
Address
Dout
Data valid
tOH
tAA
tRC
Supply
current
CE
OE
Dout
tRC1
tOE
tOLZ
tACE
tCHZ
tCLZ
tPU
tPD
ICC
ISB
50%
50%
tOHZ
Data valid


Similar Part No. - AS7C256A-15TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C256 ALSC-AS7C256 Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
AS7C256-10 ALSC-AS7C256-10 Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
AS7C256-10JC ALSC-AS7C256-10JC Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
AS7C256-10PC ALSC-AS7C256-10PC Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
AS7C256-10SC ALSC-AS7C256-10SC Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
More results

Similar Description - AS7C256A-15TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C256B ALSC-AS7C256B Datasheet
134Kb / 8P
   5V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A ALSC-AS7C3256A Datasheet
248Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
   5V 256K X 4 CMOS SRAM (Common I/O)
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
STMicroelectronics
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
   CMOS 32K x 8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com