Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83936AVUL-20 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVUL-20
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVUL-20 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83936AVUL-20 Datasheet HTML 7Page - National Semiconductor (TI) DP83936AVUL-20 Datasheet HTML 8Page - National Semiconductor (TI) DP83936AVUL-20 Datasheet HTML 9Page - National Semiconductor (TI) DP83936AVUL-20 Datasheet HTML 10Page - National Semiconductor (TI) DP83936AVUL-20 Datasheet HTML 11Page - National Semiconductor (TI) DP83936AVUL-20 Datasheet HTML 12Page - National Semiconductor (TI) DP83936AVUL-20 Datasheet HTML 13Page - National Semiconductor (TI) DP83936AVUL-20 Datasheet HTML 14Page - National Semiconductor (TI) DP83936AVUL-20 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
20 Pin Description (Continued)
TABLE 2-1 Pin Description
(Continued)
Symbol
Driver
Direction
Description
Type
UNCONNECTED PINS
TEST
I
FACTORY TEST INPUT
Used to check the chip’s internal functions This pin should be left
unconnected during normal operation
POWER AND GROUND PINS
VCC 1–9
POWER
The a5V power supply for the digital portions of the SONIC-T
VCCL
TXVCC
POWER
These pins are the a5V power supply for the SONIC-T ENDEC unit These pins must
be tied to VCC even if the internal ENDEC is not used
RXVCC
PLLVCC
OSCVCC
RXTVCC
POWER
These pins are the a5V power supply for the SONIC-T TPI unit These pins must be
tied to VCC even if the internal TPI module is not used
TPVCC
GND 1 – 10
GROUND
These pins are the ground references for the digital portions of the SONIC-T
GNDL
GND
TXGND
GROUND
These pins are the ground references for the SONIC-T ENDEC unit and TPI module
These pins must be tied to ground even if the internal ENDEC unit andor the TPI module are
RXGND
not used
PLLGND
OSCGND
TPGND
http
www nationalcom
11


Similar Part No. - DP83936AVUL-20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83936AVUL-20 TI1-DP83936AVUL-20 Datasheet
1Mb / 106P
[Old version datasheet]   32-bit non-multiplexed address and data bus
DP83936AVUL-20 TI1-DP83936AVUL-20_11 Datasheet
1Mb / 106P
[Old version datasheet]   32-bit non-multiplexed address and data bus
More results

Similar Description - DP83936AVUL-20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83934CVUL-20 NSC-DP83934CVUL-20 Datasheet
1Mb / 104P
   MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
DP83932C-20 NSC-DP83932C-20 Datasheet
1Mb / 98P
   MHz SONICTM Systems-Oriented Network Interface Controller
DP83916 NSC-DP83916 Datasheet
1Mb / 96P
   SONICTM-16 Systems-Oriented Network Interface Controller
logo
Texas Instruments
DP83934 TI1-DP83934 Datasheet
1Mb / 106P
[Old version datasheet]   DP83934CVUL-20/25 MHz SONIC(TM)-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
logo
Winbond
W89C926 WINBOND-W89C926 Datasheet
395Kb / 48P
   PCMCIA ETHERNET NETWORK TWISTED PAIR INTERFACE CONTROLLER
logo
National Semiconductor ...
DP83905 NSC-DP83905 Datasheet
1Mb / 80P
   AT Local Area Network Twisted-Pair Interface Controller
DP83902A NSC-DP83902A Datasheet
851Kb / 70P
   ST-NICTM Serial Network Interface Controller for Twisted Pair
logo
Winbond
W89C940 WINBOND-W89C940 Datasheet
353Kb / 61P
   ELANC-PCI (TWISTED-PAIR ETHER-LAN CONTROLLER WITH PCI INTERFACE)
logo
List of Unclassifed Man...
83C694 ETC-83C694 Datasheet
204Kb / 33P
   TWISTED PAIR INTERFACE AND MACHESTER ENCODER/DECODER
logo
SMSC Corporation
83C694D SMSC-83C694D Datasheet
205Kb / 33P
   Twisted-Pair Interface and Manchester Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com