Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83934VF Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83934VF
Description  MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83934VF Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83934VF Datasheet HTML 3Page - National Semiconductor (TI) DP83934VF Datasheet HTML 4Page - National Semiconductor (TI) DP83934VF Datasheet HTML 5Page - National Semiconductor (TI) DP83934VF Datasheet HTML 6Page - National Semiconductor (TI) DP83934VF Datasheet HTML 7Page - National Semiconductor (TI) DP83934VF Datasheet HTML 8Page - National Semiconductor (TI) DP83934VF Datasheet HTML 9Page - National Semiconductor (TI) DP83934VF Datasheet HTML 10Page - National Semiconductor (TI) DP83934VF Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
20 Pin Description (Continued)
TABLE 2-1 Pin Description
(Continued)
Symbol
Driver
Direction
Description
Type
NETWORK INTERFACE PINS
(Continued)
TXD
TP
O
This pin will be TRI-STATE until the DCR has been written to (See Section 632 EXBUS for
more information)
EXUSR3
TRI
O Z
TRANSMIT DATA (TXD)
The serial NRZ data from the MAC unit which is to be decoded by an
external ENDEC Data is valid on the rising edge of TXC Although this signal is used internally by
the SONIC-T it is also provided as an output to the user
EXTENDED USER OUTPUT (EXUSR3)
When EXBUS has been set (see Section 632) this pin
becomes a programmable output It will remain TRI-STATE until the SONIC-T becomes a bus
master at which time it will be driven according to the value programmed in the DCR2 (see
Section 637)
TXE
TP
O
TRANSMIT ENABLE
This pin is driven high when the SONIC-T begins transmission and remains
active until the last byte is transmitted Although this signal is used internally by the SONIC-T it is
also provided as an output to the user
TXCo
TRI
O Z
This pin will be TRI-STATE until the DCR has been written to (See Section 632
TXCi
I
EXBUS for more information)
STERM
I
TRANSMIT CLOCK OUTPUT (TXCo)
from the internal ENDEC (EXT e 0) This 10 MHz transmit
clock output is derived from the 20 MHz oscillator input When EXT e 0 the TXCo signal is
internally connected between the ENDEC and MAC units Although this signal is used internally
by the SONIC-T it is also provided as an output to the user
TRANSMIT CLOCK INPUT (TXCi)
from an external ENDEC (EXT e 1) This input clock from an
external ENDEC is used for shifting data out of the MAC unit serializer This clock is nominally
10 MHz
SYNCHRONOUS TERMINATION (STERM)
When the SONIC-T is a bus master it samples this
pin before terminating its memory cycle This pin is sampled synchronously and may only be used
in asynchronous bus mode when BMODE e 1 (See Section 725 for more details)
LBK
TP
O
This pin will be TRI-STATE until the DCR has been written to (See Section 632 EXBUS for
more information)
EXUSR2
TRI
O Z
LOOPBACK (LBK)
When ENDEC Loopback mode is enabled LBK is asserted high Although
this signal is used internally by the SONIC-T it is also provided as an output to the user
EXTENDED USER OUTPUT (EXUSR2)
When EXBUS has been set (see Section 632) this pin
becomes a programmable output It will remain TRI-STATE until the SONIC-T becomes a bus
master at which time it will be driven according to the value programmed in the DCR2 (see
Section 637)
PCOMP
TRI
O Z
PACKET COMPRESSION
This pin is used with the Management Bus of the DP83950 Repeater
Interface Controller (RIC) The SONIC-T can be programmed to assert PCOMP whenever there is
a CAM match or when there is not a match The RIC uses this signal to compress (shorten) a
received packet for management purposes and to reduce memory usage (See the DP83950
datasheet for more details on the RIC Management Bus) The operation of this pin is controlled
by bits 1 and 2 in the DCR2 register PCOMP will remain TRI-STATE until these bits are written to
This signal is asserted right after the 4th bit of the 7th byte of the incoming packet and is
deasserted one transmit clock (TXC) after CSR is driven low
PREJ
I
PACKET REJECT
This signal is used to reject received packets When asserted low for at least
two receive clock cycles (RXC) the SONIC-T will reject the incoming packet This pin can be
asserted up to the 2nd to the last bit of reception to reject a packet
7


Similar Part No. - DP83934VF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83934 TI1-DP83934 Datasheet
1Mb / 106P
[Old version datasheet]   DP83934CVUL-20/25 MHz SONIC(TM)-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
logo
Pulse A Technitrol Comp...
DP83934 PULSE-DP83934 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - DP83934VF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83936AVUL-20 NSC-DP83936AVUL-20 Datasheet
1Mb / 104P
   Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
DP83932C-20 NSC-DP83932C-20 Datasheet
1Mb / 98P
   MHz SONICTM Systems-Oriented Network Interface Controller
DP83916 NSC-DP83916 Datasheet
1Mb / 96P
   SONICTM-16 Systems-Oriented Network Interface Controller
logo
Texas Instruments
DP83934 TI1-DP83934 Datasheet
1Mb / 106P
[Old version datasheet]   DP83934CVUL-20/25 MHz SONIC(TM)-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
logo
Winbond
W89C926 WINBOND-W89C926 Datasheet
395Kb / 48P
   PCMCIA ETHERNET NETWORK TWISTED PAIR INTERFACE CONTROLLER
logo
National Semiconductor ...
DP83905 NSC-DP83905 Datasheet
1Mb / 80P
   AT Local Area Network Twisted-Pair Interface Controller
DP83902A NSC-DP83902A Datasheet
851Kb / 70P
   ST-NICTM Serial Network Interface Controller for Twisted Pair
logo
Winbond
W89C940 WINBOND-W89C940 Datasheet
353Kb / 61P
   ELANC-PCI (TWISTED-PAIR ETHER-LAN CONTROLLER WITH PCI INTERFACE)
logo
List of Unclassifed Man...
83C694 ETC-83C694 Datasheet
204Kb / 33P
   TWISTED PAIR INTERFACE AND MACHESTER ENCODER/DECODER
logo
SMSC Corporation
83C694D SMSC-83C694D Datasheet
205Kb / 33P
   Twisted-Pair Interface and Manchester Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com