Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE811xS Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE811xS
Description  4-Pin Microprocessor Reset Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE811xS Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE811xS Datasheet HTML 1Page - Seaward Electronics Inc. SE811xS Datasheet HTML 2Page - Seaward Electronics Inc. SE811xS Datasheet HTML 3Page - Seaward Electronics Inc. SE811xS Datasheet HTML 4Page - Seaward Electronics Inc. SE811xS Datasheet HTML 5Page - Seaward Electronics Inc. SE811xS Datasheet HTML 6Page - Seaward Electronics Inc. SE811xS Datasheet HTML 7Page - Seaward Electronics Inc. SE811xS Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Revision 5/15/2009
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2007. • www.seawardinc.com
2
SE811
4-Pin Microprocessor Reset Monitor
(Preliminary)
Absolute Maximum Ratings
(1)
Parameter
Symbol
Value
Units
Input Voltage
VCC
5.5
V
Manual Reset Input
MR
-0.3 to (VCC + 0.3)
V
Output Voltage
RESET
-0.3 to (VCC + 0.3)
V
Input Current
20
mA
Output Current
IOUT
20
mA
Power Dissipation
PD
Internally Limited
(3)
Output Short Circuit
Duration
Infinite
Thermal Resistance,
Junction-to-Ambient
ΘJA
230
°C/W
Operating Temperature
Range
TA
-40~ 125
Lead Temperature
(Soldering, 10 sec.)
260
°C
Operating Rating
(2)
Parameter
Symbol
Value
Units
Supply Input Voltage
VCC
+2.0V to +5.5
V
Junction Temperature
TJ
-40 to +125
°C
Ordering/Marking Information (SOT143)
Ordering Information
Marking Information
SE811xS
S811xa
Suffix
Reset VCC threshold(V)
L
4.63
M
4.38
J
4.00
T
3.08
S
2.93
R
2.63
The “x” denotes a suffix for VCC threshold.
The last character is the batch number.
A dot on top right corner is for lead-free
process.


Similar Part No. - SE811xS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE8117 ETC-SE8117 Datasheet
162Kb / 5P
   1A Positive Voltage Regulators
logo
Seaward Electronics Inc...
SE8117 SEAWARD-SE8117 Datasheet
361Kb / 8P
   1A Positive Voltage Regulators
SE8117B SEAWARD-SE8117B Datasheet
407Kb / 7P
   1A Positive Voltage Regulators
SE8117BTALF SEAWARD-SE8117BTALF Datasheet
407Kb / 7P
   1A Positive Voltage Regulators
SE8117BTXXLF SEAWARD-SE8117BTXXLF Datasheet
407Kb / 7P
   1A Positive Voltage Regulators
More results

Similar Description - SE811xS

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
logo
YOBON TECHNOLOGIES,INC.
YB1921 YOBON-YB1921 Datasheet
149Kb / 5P
   3-Pin Microprocessor Reset Monitor
logo
Seaward Electronics Inc...
SE810 SEAWARD-SE810 Datasheet
209Kb / 6P
   3-Pin Microprocessor Reset Monitor
SE809 SEAWARD-SE809 Datasheet
184Kb / 5P
   3-Pin Microprocessor Reset Monitor
logo
List of Unclassifed Man...
CYT809 ETC2-CYT809 Datasheet
170Kb / 4P
   3-Pin Microprocessor Reset Monitor (Preliminary)
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
logo
Maxim Integrated Produc...
MAX6711SEXS-T MAXIM-MAX6711SEXS-T Datasheet
285Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits
Rev 1; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com