Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM358PWRG4-JF Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM358PWRG4-JF
Description  Dual Operational Amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358PWRG4-JF Datasheet(HTML) 1 Page - Texas Instruments

  LM358PWRG4-JF Datasheet HTML 1Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 2Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 3Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 4Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 5Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 6Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 7Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 8Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
IN+
IN−
OUT
+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
SLOS068T – JUNE 1976 – REVISED APRIL 2015
LMx58, LMx58x, LM2904, LM2904V Dual Operational Amplifiers
1 Features
2 Applications
1
Wide Supply Ranges
Blu-ray Players and Home Theaters
Chemical and Gas Sensors
Single Supply: 3 V to 32 V
(26 V for LM2904)
DVD Recorder and Players
Dual Supplies: ±1.5 V to ±16 V
Digital Multimeter: Bench and Systems
(±13 V for LM2904)
Digital Multimeter: Handhelds
Low Supply-Current Drain, Independent of Supply
Field Transmitter: Temperature Sensors
Voltage: 0.7 mA Typical
Motor Control: AC Induction, Brushed DC,
Wide Unity Gain Bandwidth: 0.7 MHz
Brushless DC, High-Voltage, Low-Voltage,
Common-Mode Input Voltage Range Includes
Permanent Magnet, and Stepper Motor
Ground, Allowing Direct Sensing Near Ground
Oscilloscopes
Low Input Bias and Offset Parameters
TV: LCD and Digital
Input Offset Voltage: 3 mV Typical
Temperature Sensors or Controllers Using
A Versions: 2 mV Typical
Modbus
Input Offset Current: 2 nA Typical
Weigh Scales
Input Bias Current: 20 nA Typical
3 Description
A Versions: 15 nA Typical
These devices consist of two independent, high-gain
Differential Input Voltage Range Equal to
frequency-compensated
operational
amplifiers
Maximum-Rated Supply Voltage: 32 V
designed to operate from a single supply or split
(26 V for LM2904)
supply over a wide range of voltages.
Open-Loop Differential Voltage Gain:
100 dB Typical
Device Information(1)
Internal Frequency Compensation
PART NUMBER
PACKAGE
BODY SIZE (NOM)
On Products Compliant to MIL-PRF-38535,
VSSOP (8)
3.00 mm × 3.00 mm
All Parameters are Tested Unless Otherwise
SOIC (8)
4.90 mm × 3.90 mm
LMx58, LMx58x,
Noted. On All Other Products, Production
SO (8)
5.20 mm × 5.30 mm
LM2904, LM2904V
Processing Does Not Necessarily Include Testing
TSSOP (8)
3.00 mm × 4.40 mm
of All Parameters.
PDIP (8)
9.81 mm × 6.35 mm
CDIP (8)
9.60 mm × 6.67 mm
LMx58, LMx58x,
LM2904V
LCCC (20)
8.89 mm × 8.89 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Symbol (Each Amplifier)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM358PWRG4-JF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM358PWRG4-JF TI1-LM358PWRG4-JF Datasheet
1Mb / 47P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM358PWRG4-JF TI1-LM358PWRG4-JF Datasheet
2Mb / 48P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM358PWRG4-JF TI1-LM358PWRG4-JF Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM358PWRG4-JF TI1-LM358PWRG4-JF Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM358PWRG4-JF TI-LM358PWRG4-JF Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
More results

Similar Description - LM358PWRG4-JF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com