Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT97SC3201 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT97SC3201
Description  Trusted Platform Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT97SC3201 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT97SC3201 Datasheet HTML 1Page - ATMEL Corporation AT97SC3201 Datasheet HTML 2Page - ATMEL Corporation AT97SC3201 Datasheet HTML 3Page - ATMEL Corporation AT97SC3201 Datasheet HTML 4Page - ATMEL Corporation AT97SC3201 Datasheet HTML 5Page - ATMEL Corporation AT97SC3201 Datasheet HTML 6Page - ATMEL Corporation AT97SC3201 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
AT97SC3201
2015DS-TPM–7/04
* Cl = 10pf. V
CC = 3.0 to 3.7V; Temperature = 0 to 70°C
Note:
1. All parameters measured with respect to signal crossing Vtest = 0.4 * VCC unless otherwise noted.
2. These parameters guaranteed but not tested.
3. The minimum parameter must never be violated under any circumstances unless Ireset# is asserted. If proper CLKRUN#
signaling is observed, the maximum specification can be violated.
Table 2. AC Parameters*
Symbol
Parameter
Min
Nom
Max
Units
Notes
TVAL
CLK to Signal Valid Delay – LAD0-3
2
5
11
ns
Measured at Vtrise = 0.285 * VCC and Vtfal =
0.615 * VCC. Measured from clk at Vtest = 0.4
* V
CC; Load = 200Ω
T
ON
Float to Active Delay
2
4
ns
T
OFF
Active to Float Delay
28
ns
TSU
Input Setup Time to CLK
7
2
ns
TH
Input Hold Time from CLK
0
500
ns
TRST
Reset Active Time after Power Stable
1
ms
Note 2
T
RST-CLK
Reset Active after CLK Stable
100
m
Note 2
T
RST-OFF
Reset Active to Output Float Delay
40
ns
Note 2
T
CLKIN
CLK Period
29.5
30
31
ns
Note 3
TCLKLO
CLK Low Duration
13.4
18
ns
Note 1, Note 3
TCLKHI
CLK High Duration
13.4
18
ns
Note 1, Note 3
Table 3. Ordering Information
Ordering Code
Package
Operation Range
AT97SC3201-01AC
28A3
Commercial (0
° to 70° C)
AT97SC3201-X1AC
28A3
lead-free
Commercial (0
° to 70° C)
AT97SC3201-01MC
40ML1
Commercial (0
° to 70° C)
AT97SC3201-X1MC
40ML1
lead-free
Commercial (0
° to 70° C)


Similar Part No. - AT97SC3201

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3203-01AC ATMEL-AT97SC3203-01AC Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3203-01MC ATMEL-AT97SC3203-01MC Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3203-X1AC ATMEL-AT97SC3203-X1AC Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3203-X1MC ATMEL-AT97SC3203-X1MC Datasheet
216Kb / 8P
   Trusted Platform Module
More results

Similar Description - AT97SC3201

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
   Trusted Platform Module
Revision 1.0 2019-04-08
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
   Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
   Trusted Platform Module
Revision 1.3 2018-09-21
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
   Trusted Platform Module
Revision 1.0, 2014-12-12
logo
ATMEL Corporation
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM2.0 INFINEON-SLB9670TPM2.0 Datasheet
283Kb / 21P
   Trusted Platform Module
Revision 1.4 2018-12-07
SLB9665 INFINEON-SLB9665 Datasheet
934Kb / 24P
   Trusted Platform Module
Revision 1.0, 2015-10-27
logo
ATMEL Corporation
AT97SC3203S ATMEL-AT97SC3203S Datasheet
212Kb / 8P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com