Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE100 Datasheet(PDF) 6 Page - Seaward Electronics Inc.

Part # SE100
Description  QC2.0 Interface Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE100 Datasheet(HTML) 6 Page - Seaward Electronics Inc.

  SE100 Datasheet HTML 1Page - Seaward Electronics Inc. SE100 Datasheet HTML 2Page - Seaward Electronics Inc. SE100 Datasheet HTML 3Page - Seaward Electronics Inc. SE100 Datasheet HTML 4Page - Seaward Electronics Inc. SE100 Datasheet HTML 5Page - Seaward Electronics Inc. SE100 Datasheet HTML 6Page - Seaward Electronics Inc. SE100 Datasheet HTML 7Page - Seaward Electronics Inc. SE100 Datasheet HTML 8Page - Seaward Electronics Inc. SE100 Datasheet HTML 9Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com • Page
7
9/4/2012
SE100
QC2.0 Interface Module
Applications Information
SE100 is a low-cost USB high-voltage dedicated
charging port interface IC for the Quick Charge
2.0 specification. It incorporates all necessary
functions to add Quick Charge 2.0 capability to
standard Adaptors, Car-chargers, and Portable
Battery Packs.
SE100
also
supports
other
solutions
with
traditional feedback schemes like opto-coupler
and secondary reference regulator SE431 as
depicted in Figure 1.
Figure 1. SE100 with Traditional Output Regulation (CV Only).
SE100 supports the full output voltage range of
Quick Charge 2.0 Class A (5 V, 9 V, or 12 V) or
Class B (5 V, 9 V, 12 V, or 20 V). It
automatically detects either Quick Charge 2.0
capable powered devices (PD) or legacy PDs
compliant with the USB Battery Charging
Specification revision 1.2 and only enables
output voltage adjustment accordingly.
Shunt Regulator
The internal shunt regulator clamps the BYPASS
pin at 6 V when current is provided through an
external
resistor
(RBP in Figure 1). This
facilitates powering of SE100 externally over the
wide power supply output voltage range of 5 V
to 20 V. Recommended values are RBP = 4.7
and CBP = 220 nF.
BYPASS Pin Undervoltage
The BYPASS pin undervoltage circuitry resets
the SE100 when the BYPASS pin voltage drops
below 3.9 V. Once the BYPASS pin voltage
drops below 3.9 V it must rise back to 4 V to
enable correct operation.
Reference Input
Resister RREF at the REFERENCE pin is
connected to an internal band gap reference and
provides an accurate reference current for
internal timing circuits. The recommended value
is RREF = 127 kΩ.
Quick Charge 2.0 Interface
At power-up SE100 turns on switch N5 (see
Figure 3) in 20 ms or less after the BYPASS pin
voltage has reached 4 V. Switch N4 and output
switches N1 to N3 remain off. This sets the
default 5 V output voltage level. With D+ and D-
short-circuited the normal handshake between
the AC-DC adapter (DCP) and powered devices
(PD) as described in the USB Battery Charging
Specification 1.2 can commence. After switch
N5 has been turned on SE100 starts monitoring
the voltage level at D+. If it continuously stays
At USB cable disconnect the voltage level at D+


Similar Part No. - SE100

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE1000W SIGE-SE1000W Datasheet
114Kb / 9P
   LightChargerTM155 Mb/s Transimpedance Amplifier Final
logo
Seaward Electronics Inc...
SE100B SEAWARD-SE100B Datasheet
327Kb / 8P
   QC2.0 Interface Module
logo
Vishay Siliconix
SE100PWB VISHAY-SE100PWB Datasheet
142Kb / 5P
   Surface-Mount ESD Capability Rectifier
Revision: 02-Jun-2020
SE100PWB VISHAY-SE100PWB Datasheet
142Kb / 5P
   Surface-Mount ESD Capability Rectifier
01-Jan-2022
SE100PWB VISHAY-SE100PWB_V01 Datasheet
142Kb / 5P
   Surface-Mount ESD Capability Rectifier
01-Jan-2022
More results

Similar Description - SE100

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM100 HMSEMI-HM100 Datasheet
713Kb / 8P
   QC2.0 Interface Module
logo
Seaward Electronics Inc...
SE100B SEAWARD-SE100B Datasheet
327Kb / 8P
   QC2.0 Interface Module
SE3510 SEAWARD-SE3510 Datasheet
415Kb / 7P
   1MHz, 3A, Boost PWM Converter with QC2.0 interface
logo
Shenzhen Tianyuan Semic...
TP1001 TPOWER-TP1001 Datasheet
518Kb / 6P
   Interface control chip supporting QC2.0 fast charging protocol
logo
Diodes Incorporated
AP4373A DIODES-AP4373A Datasheet
459Kb / 10P
   QUICK CHARGER CONTROLLER SUPPORT QUALCOMM QC2.0
Rev. 4 - 2 May 2020
logo
Pepperl+Fuchs Inc.
VLX-F231-B25 PF-VLX-F231-B25 Datasheet
717Kb / 3P
   Interface module
logo
WAGO Kontakttechnik Gmb...
289-652 WAGO-289-652 Datasheet
345Kb / 6P
   Interface module
22.11.2021
289-544 WAGO-289-544 Datasheet
396Kb / 6P
   Interface module
logo
Pepperl+Fuchs Inc.
VLX-F231-B6 PF-VLX-F231-B6 Datasheet
193Kb / 2P
   Interface module
VLX-F231-B17 PF-VLX-F231-B17 Datasheet
747Kb / 3P
   Interface module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com