Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM72238 Datasheet(PDF) 9 Page - Texas Instruments

Part # SM72238
Description  Micropower Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM72238 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SM72238_14 Datasheet HTML 5Page - Texas Instruments SM72238_14 Datasheet HTML 6Page - Texas Instruments SM72238_14 Datasheet HTML 7Page - Texas Instruments SM72238_14 Datasheet HTML 8Page - Texas Instruments SM72238_14 Datasheet HTML 9Page - Texas Instruments SM72238_14 Datasheet HTML 10Page - Texas Instruments SM72238_14 Datasheet HTML 11Page - Texas Instruments SM72238_14 Datasheet HTML 12Page - Texas Instruments SM72238_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SM72238
SM72238
www.ti.com
SNVS694C – JANUARY 2011 – REVISED APRIL 2013
APPLICATION HINTS
EXTERNAL CAPACITORS
A 1.0µF (or greater) capacitor is required between the output and ground for stability. Without this capacitor the
part will oscillate. Most types of tantalum or aluminum electrolytics work fine here; even film types work but are
not recommended for reasons of cost. Many aluminum electrolytics have electrolytes that freeze at about
−30°C,
so solid tantalums are recommended for operation below
−25°C. The important parameters of the capacitor are
an ESR of about 5
Ω or less and a resonant frequency above 500kHz. The value of this capacitor may be
increased without limit.
Ceramic capacitors whose value is greater than 1000pF should not be connected directly from the SM72238
output to ground. Ceramic capacitors typically have ESR values in the range of 5 to 10m
Ω, a value below the
lower limit for stable operation (see Figure 25).
The reason for the lower ESR limit is that the loop compensation of the part relies on the ESR of the output
capacitor to provide the zero that gives added phase lead. The ESR of ceramic capacitors is so low that this
phase lead does not occur, significantly reducing phase margin. A ceramic output capacitor can be used if a
series resistance is added (recommended value of resistance about 0.1
Ω to 2Ω).
At lower values of output current, less output capacitance is required for stability. The capacitor can be reduced
to 0.33µF for currents below 10mA or 0.1µF for currents below 1mA.
Unlike many other regulators, the SM72238 will remain stable and in regulation with no load in addition to the
internal voltage divider. This is especially important in CMOS RAM keep-alive applications.
A 1µF tantalum, ceramic or aluminum electrolytic capacitor should be placed from the SM72238 input to ground
if there is more than 10 inches of wire between the input and the AC filter capacitor or if a battery is used as the
input.
REDUCING OUTPUT NOISE
In reference applications it may be advantageous to reduce the AC noise present at the output. One method is to
reduce the regulator bandwidth by increasing the size of the output capacitor. This is the only way noise can be
reduced but is relatively inefficient, as increasing the capacitor from 1µF to 220µF only decreases the noise from
430µV to 160µV rms for a 100kHz bandwidth at 5V output.
Typical Applications
*Minimum input-output voltage ranges from 40mV to 400mV, depending on load current. Current limit is typically
160mA.
Figure 26. 5 Volt Current Limiter
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SM72238


Similar Part No. - SM72238_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72238TD-3.0 NSC-SM72238TD-3.0 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
Texas Instruments
SM72238TD-3.0 TI-SM72238TD-3.0 Datasheet
1Mb / 17P
[Old version datasheet]   SM72238TD-50
logo
National Semiconductor ...
SM72238TD-3.3 NSC-SM72238TD-3.3 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
Texas Instruments
SM72238TD-3.3 TI-SM72238TD-3.3 Datasheet
1Mb / 17P
[Old version datasheet]   SM72238TD-50
logo
National Semiconductor ...
SM72238TD-5.0 NSC-SM72238TD-5.0 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
More results

Similar Description - SM72238_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78LC00 ONSEMI-MC78LC00_16 Datasheet
100Kb / 12P
   Micropower Voltage Regulator
August, 2016 ??Rev. 11
MC78BC00 ONSEMI-MC78BC00 Datasheet
60Kb / 8P
   Micropower Voltage Regulator
January, 2003 - Rev. 4
MC78FC00 ONSEMI-MC78FC00 Datasheet
55Kb / 8P
   Micropower Voltage Regulator
April, 2001 ??Rev. 2
MC78LC00 ONSEMI-MC78LC00_09 Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
MC78LC00 ONSEMI-MC78LC00_06 Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78FC00 ONSEMI-MC78FC00_09 Datasheet
145Kb / 5P
   Micropower Voltage Regulator
December, 2009 ??Rev. 7
logo
Fairchild Semiconductor
RC2951 FAIRCHILD-RC2951 Datasheet
103Kb / 11P
   Adjustable Micropower Voltage Regulator
logo
National Semiconductor ...
SM72238 NSC-SM72238 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
ON Semiconductor
MC33275 ONSEMI-MC33275 Datasheet
197Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
MC33375 ONSEMI-MC33375 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com