Electronic Components Datasheet Search |
|
SDS(H)01-48D15 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD |
|
SDS(H)01-48D15 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD |
2 / 4 page SDS01 SDH01 2 www.PDUKE.com 2015/11/20 PART NUMBER STRUCTURE SDS01 - 48 S 05 H Series Name Input Output Output Isolation Voltage Quantity Voltage Option (VDC) (VDC) SDS: SMD type 05: 4.5~9 S:Single 3P3: 3.3 : Standard type SDH: DIP type 12: 9~18 05: 5 1600VDC isolation 24:18~36 12:12 H: 3000VDC isolation 48:36~75 15:15 24:24 D: Dual 05:± 5 12:±12 15:±15 INPUT SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Operating input voltage range 5Vin(nom) 12Vin(nom) 24Vin(nom) 48Vin(nom) 4.5 9 18 36 5 12 24 48 9 18 36 75 VDC Start up time Constant resistive load Power up Remote ON/OFF 5 5 10 10 ms Input surge voltage 1 second, max. 5Vin(nom) 12Vin(nom) 24Vin(nom) 48Vin(nom) 15 25 50 100 VDC Input reflected ripple current(1) 5Vin(nom) 12Vin(nom) 24Vin(nom) 48Vin(nom) 10 10 10 10 mAp-p Input filter Capacitor type DC-DC ON Open or high impedance Ctrl pin applied current via 1k DC-DC OFF 2.0 3.0 4.0 mA Remote ON/OFF Remote off input current 2.5 mA Application circuit DC-DC ON DC-DC OFF OUTPUT SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Voltage accuracy -1.0 +1.0 % Line regulation Low Line to High Line at Full Load -0.2 +0.2 % No Load to Full Load Single Dual -1.0 -1.0 +1.0 +1.0 Load regulation 10% Load to 90% Load Single Dual -0.5 -0.8 +0.5 +0.8 % Cross regulation Asymmetrical load 25%/100% FL Dual -5.0 +5.0 % Ripple and noise Measured by 20MHz bandwidth 30 mVp-p Temperature coefficient -0.02 +0.02 %/ Transient response recovery time 25% load step change 500 µs Short circuit protection Continuous, automatics recovery |
Similar Part No. - SDS(H)01-48D15 |
|
Similar Description - SDS(H)01-48D15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |