Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320F28335-EP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SM320F28335-EP
Description  Digital Signal Controller (DSC)
Download  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320F28335-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button SM320F28335-EP Datasheet HTML 6Page - Texas Instruments SM320F28335-EP Datasheet HTML 7Page - Texas Instruments SM320F28335-EP Datasheet HTML 8Page - Texas Instruments SM320F28335-EP Datasheet HTML 9Page - Texas Instruments SM320F28335-EP Datasheet HTML 10Page - Texas Instruments SM320F28335-EP Datasheet HTML 11Page - Texas Instruments SM320F28335-EP Datasheet HTML 12Page - Texas Instruments SM320F28335-EP Datasheet HTML 13Page - Texas Instruments SM320F28335-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 167 page
background image
SM320F28335-EP
SPRS581D – JUNE 2009 – REVISED MAY 2012
www.ti.com
Digital Signal Controller (DSC)
1
SM320F28335 DSC
• Three 32-Bit CPU Timers
1.1
Features
• Serial Port Peripherals
12
• High-Performance Static CMOS Technology
– Up to 2 CAN Modules
– Up to 150 MHz (6.67-ns Cycle Time)
– Up to 3 SCI (UART) Modules
– 1.9-V/1.8-V Core, 3.3-V I/O Design
– Up to 2 McBSP Modules (Configurable as
• High-Performance 32-Bit CPU
SPI)
– IEEE-754 Single-Precision Floating-Point
– One SPI Module
Unit (FPU) )
– One Inter-Integrated-Circuit (I2C) Bus
– 16 x 16 and 32 x 32 MAC Operations
• 12-Bit ADC, 16 Channels
– 16 x 16 Dual MAC
– 80-ns Conversion Rate
– Harvard Bus Architecture
– 2 x 8 Channel Input Multiplexer
– Fast Interrupt Response and Processing
– Two Sample-and-Hold
– Unified Memory Programming Model
– Single/Simultaneous Conversions
– Code-Efficient (in C/C++ and Assembly)
– Internal or External Reference
• Six Channel DMA Controller (for ADC, McBSP,
• Up to 88 Individually Programmable,
ePWM, XINTF, and SARAM)
Multiplexed GPIO Pins With Input Filtering
• 16-bit or 32-bit External Interface (XINTF)
• JTAG Boundary Scan Support (1)
– Over 2M x 16 Address Reach
• Advanced Emulation Features
• On-Chip Memory
– Analysis and Breakpoint Functions
– 256K x 16 Flash, 34K x 16 SARAM
– Real-Time Debug via Hardware
– 1K x 16 OTP ROM
• Development Support Includes
• Boot ROM (8K x 16)
– ANSI C/C++ Compiler/Assembler/Linker
– With Software Boot Modes (via SCI, SPI,
– Code Composer Studio™ IDE
CAN, I2C, McBSP, XINTF, and Parallel I/O)
– DSP/BIOS™
– Standard Math Tables
– Digital Motor Control and Digital Power
• Clock and System Control
Software Libraries
– Dynamic PLL Ratio Changes Supported
• Low-Power Modes and Power Savings
– On-Chip Oscillator
– IDLE, STANDBY, HALT Modes Supported
– Watchdog Timer Module
– Disable Individual Peripheral Clocks
• GPIO0 to GPIO63 Pins Can Be Connected to
• Package Options
One of the Eight External Core Interrupts
– Quad Flatpack With Power-Pad (PTP)
• Peripheral Interrupt Expansion (PIE) Block That
– Thin Quad Flatpack (PGF, Preview Only)
Supports All 58 Peripheral Interrupts
– MicroStar BGA™ (GHH)
• 128-Bit Security Key/Lock
– Plastic BGA (GJZ)
– Protects Flash/OTP/RAM Blocks
• Temperature Options:
– Prevents Firmware Reverse Engineering
– A: –40°C to 85°C (GHH) (PGF, GJZ, Preview
• Enhanced Control Peripherals
Only)
– Up to 18 PWM Outputs
– S: –40°C to 125°C (GJZ, Preview Only)
– Up to 6 HRPWM Outputs With 150 ps MEP
– Q: –40°C to 125°C (GJZ, Preview Only)
Resolution
– M: –55°C to 125°C (PTP, GJZ)
– Up to 6 Event Capture Inputs
– Up to 2 Quadrature Encoder Interfaces
(1)
IEEE Standard 1149.1-1990 Standard Test Access Port and
– Up to 8 32-bit/Nine 16-bit Timers
Boundary Scan Architecture
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MicroStar BGA, Code Composer Studio, DSP/BIOS are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2009–2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - SM320F28335-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320F28335-EP TI-SM320F28335-EP Datasheet
1Mb / 169P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_16 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
More results

Similar Description - SM320F28335-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320F28335-HT TI-SM320F28335-HT Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335PTPMEP TI-SM320F28335PTPMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_16 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-HT TI1-SM320F28335-HT_14 Datasheet
1Mb / 182P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI-SM320F28335-EP Datasheet
1Mb / 169P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335GJZMEP TI1-SM320F28335GJZMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
logo
Advanced Micro Devices
AM79C30A AMD-AM79C30A Datasheet
1Mb / 101P
   Digital Subscriber Controller??(DSC?? Circuit
logo
Freescale Semiconductor...
MC56F8006 FREESCALE-MC56F8006 Datasheet
1Mb / 100P
   Digital Signal Controller
PC56F8006VWL FREESCALE-PC56F8006VWL Datasheet
1Mb / 106P
   Digital Signal Controller
56F8023 FREESCALE-56F8023 Datasheet
207Kb / 4P
   Digital Signal Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com