Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDS(H)03-05S05 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # UDS(H)03-05S05
Description  2:1 WIDE INPUT RANGE UP TO 3 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UDS(H)03-05S05 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  UDS(H)03-05S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD UDS(H)03-05S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD UDS(H)03-05S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD UDS(H)03-05S05 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2016/05/10
UDS03
UDH03
SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 3 Watts
FEATURES
APPLICATIONS
ULTRA SMALL SMD PACKAGE, 0.47 x 0.44 x 0.31 INCH
SIP
PACKAGE, 0.47 x 0.30 x 0.43 INCH
NO MINIMUM LOAD REQUIRED
REGULATED OUTPUT VOLTAGE
CONTINUOUS SHORT CIRCUIT PROTECTION
1600VDC INPUT TO OUTPUT ISOLATION
SAFETY MEETS UL60950-1, EN60950-1,& IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µF
UDS(H)03-05S3P3
4.5 ~ 13.2
3.3
700
65
75
4400
UDS(H)03-05S05
4.5 ~ 13.2
5
600
65
78
2200
UDS(H)03-05S12
4.5 ~ 13.2
12
250
75
82
1000
UDS(H)03-05S15
4.5 ~ 13.2
15
200
75
80
820
UDS(H)03-05S24
4.5 ~ 13.2
24
125
75
80
330
UDS(H)03-05D05
4.5 ~ 13.2
±5
±300
75
77
±1200
UDS(H)03-05D12
4.5 ~ 13.2
±12
±125
75
80
±520
UDS(H)03-05D15
4.5 ~ 13.2
±15
±100
75
80
±440
UDS(H)03-12S3P3
9 ~ 18
3.3
700
35
76
4400
UDS(H)03-12S05
9 ~ 18
5
600
35
79
2200
UDS(H)03-12S12
9 ~ 18
12
250
40
84
1000
UDS(H)03-12S15
9 ~ 18
15
200
40
83
820
UDS(H)03-12S24
9 ~ 18
24
125
40
82
330
UDS(H)03-12D05
9 ~ 18
±5
±300
40
78
±1200
UDS(H)03-12D12
9 ~ 18
±12
±125
40
82
±520
UDS(H)03-12D15
9 ~ 18
±15
±100
40
81
±440
UDS(H)03-24S3P3
18 ~ 36
3.3
700
18
76
4400
UDS(H)03-24S05
18 ~ 36
5
600
18
78
2200
UDS(H)03-24S12
18 ~ 36
12
250
18
84
1000
UDS(H)03-24S15
18 ~ 36
15
200
18
84
820
UDS(H)03-24S24
18 ~ 36
24
125
20
83
330
UDS(H)03-24D05
18 ~ 36
±5
±300
20
79
±1200
UDS(H)03-24D12
18 ~ 36
±12
±125
20
83
±520
UDS(H)03-24D15
18 ~ 36
±15
±100
20
82
±440
UDS(H)03-48S3P3
36 ~ 75
3.3
700
10
75
4400
UDS(H)03-48S05
36 ~ 75
5
600
10
79
2200
UDS(H)03-48S12
36 ~ 75
12
250
12
83
1000
UDS(H)03-48S15
36 ~ 75
15
200
12
83
820
UDS(H)03-48S24
36 ~ 75
24
125
12
82
400
UDS(H)03-48D05
36 ~ 75
±5
±300
12
77
±1200
UDS(H)03-48D12
36 ~ 75
±12
±125
12
82
±520
UDS(H)03-48D15
36 ~ 75
±15
±100
12
80
±440


Similar Part No. - UDS(H)03-05S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UDS(H)03-05S05 P-DUKE-UDS(H)03-05S05 Datasheet
689Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
More results

Similar Description - UDS(H)03-05S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
PDL06 P-DUKE-PDL06 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
UDS02 P-DUKE-UDS02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com