Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS(H)03-24D12W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # SDS(H)03-24D12W
Description  4:1 ULTRA WIDE INPUT RANGE UP TO 3 WATTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

SDS(H)03-24D12W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  SDS(H)03-24D12W Datasheet HTML 1Page - Power Mate Technology Co., LTD SDS(H)03-24D12W Datasheet HTML 2Page - Power Mate Technology Co., LTD SDS(H)03-24D12W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.PDUKE.com
2015/11/20
SDS03W
SDH03W
SERIES
DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 3 WATTS
FEATURES
APPLICATIONS
ULTRA SMALL SMD AND DIP PACKAGE, 0.52 x 0.36x 0.40 INCH WITH REGULATED
SMD PACKAGE QUALIFIED FOR LEADFREE REFLOW SOLDER PROCESS
ACCORDING IPC J-STD-020D
NO MINIMUM LOAD REQUIRED
CONTINUOUS SHORT CIRCUIT PROTECTION
1600VDC INPUT TO OUTPUT ISOLATION AND 3000VDC FOR OPTION
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
3000VDC
ISOLATION
1600VDC
ISOLATION
REMOTE
CONTROL
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µF
SDS(H)03-12S3P3W
4.5 ~ 18
3.3
700
35
76
4700
SDS(H)03-12S05W
4.5 ~ 18
5
600
40
80
2530
SDS(H)03-12S12W
4.5 ~ 18
12
250
40
83
1220
SDS(H)03-12S15W
4.5 ~ 18
15
200
40
84
1000
SDS(H)03-12S24W
4.5 ~ 18
24
125
40
82
470
SDS(H)03-12D05W
4.5 ~ 18
±5
±300
40
80
±1470
SDS(H)03-12D12W
4.5 ~ 18
±12
±125
40
82
±680
SDS(H)03-12D15W
4.5 ~ 18
±15
±100
40
82
±470
SDS(H)03-24S3P3W
9 ~ 36
3.3
700
20
77
4700
SDS(H)03-24S05W
9 ~ 36
5
600
20
80
2530
SDS(H)03-24S12W
9 ~ 36
12
250
25
83
1220
SDS(H)03-24S15W
9 ~ 36
15
200
25
83
1000
SDS(H)03-24S24W
9 ~ 36
24
125
25
82
470
SDS(H)03-24D05W
9 ~ 36
±5
±300
25
80
±1470
SDS(H)03-24D12W
9 ~ 36
±12
±125
25
82
±680
SDS(H)03-24D15W
9 ~ 36
±15
±100
25
82
±470
SDS(H)03-48S3P3W
18 ~ 75
3.3
700
12
77
4700
SDS(H)03-48S05W
18 ~ 75
5
600
12
80
2530
SDS(H)03-48S12W
18 ~ 75
12
250
13
83
1220
SDS(H)03-48S15W
18 ~ 75
15
200
14
83
1000
SDS(H)03-48S24W
18 ~ 75
24
125
14
82
470
SDS(H)03-48D05W
18 ~ 75
±5
±300
14
80
±1470
SDS(H)03-48D12W
18 ~ 75
±12
±125
14
82
±680
SDS(H)03-48D15W
18 ~ 75
±15
±100
14
82
±470
PART NUMBER STRUCTURE
SDS03 - 24
S
05 W
H
Series Name
Input
Output
Output
Input
Isolation
Voltage
Quantity
Voltage
Range
Option
(VDC)
(VDC)
SDS: SMD type
12: 4.5~18 S:Single 3P3:3.3
4:1
: 1600VDC Isolation
SDH: DIP type
24: 9~36
05:5
H: 3000VDC Isolation
48:18~75
12:12
15:15
24:24
D:Dual
05:±5
12:±12
15:±15


Similar Part No. - SDS(H)03-24D12W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SDS(H)03-24D12W P-DUKE-SDS(H)03-24D12W Datasheet
607Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 WATTS
More results

Similar Description - SDS(H)03-24D12W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL03W P-DUKE-PDL03W_15 Datasheet
446Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
PDS03W P-DUKE-PDS03W_15 Datasheet
516Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDS03W P-DUKE-SDS03W_15 Datasheet
607Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 WATTS
FKC08W P-DUKE-FKC08W_15 Datasheet
542Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 8 Watts
SDS05W P-DUKE-SDS05W_15 Datasheet
616Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
SDH02W P-DUKE-SDH02W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
FKC12W P-DUKE-FKC12W_15 Datasheet
510Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 12 Watts
LKC05W P-DUKE-LKC05W_16 Datasheet
1Mb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5 WATTS
PDL09W P-DUKE-PDL09W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
SDH05W P-DUKE-SDH05W Datasheet
604Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com