Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDS(H)01-05S3P3 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # UDS(H)01-05S3P3
Description  2:1 WIDE INPUT RANGE UP TO 1.08 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UDS(H)01-05S3P3 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  UDS(H)01-05S3P3 Datasheet HTML 1Page - Power Mate Technology Co., LTD UDS(H)01-05S3P3 Datasheet HTML 2Page - Power Mate Technology Co., LTD UDS(H)01-05S3P3 Datasheet HTML 3Page - Power Mate Technology Co., LTD UDS(H)01-05S3P3 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UDS01
UDH01
2
www.PDUKE.com
2016/05/10
PART NUMBER STRUCTURE
UDS01 - 48
S
05
Series Name
Input
Output
Output
Voltage
Quantity
Voltage
(VDC)
(VDC)
UDS: SMD type
05:4.5~13.2
S:Single
3P3:3.3
UDH: SIP type
12:9~18
05:5
24:18~36
12:12
48:36~75
15:15
24:24
D: Dual
05:± 5
12:±12
15:±15
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
4.5
9
18
36
5
12
24
48
13.2
18
36
75
VDC
Start up time
Constant resistive load
Power up
5
ms
Input surge voltage
1 second, max.
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
15
25
50
100
VDC
Input reflected ripple current(1)
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
30
30
30
30
mAp-p
Input filter
Capacitor type
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Single
-1.0
+1.0
No Load to Full Load
Dual
-1.0
+1.0
%
Single
-0.5
+0.5
Load regulation
10% Load to 90% Full Load
Dual
-0.8
+0.8
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Ripple and noise
Measured by 20MHz bandwidth
50
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
500
µs
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
1600
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
75
pF
Switching frequency
100
kHz
Safety meets
UL60950-1
EN60950-1
IEC60950-1
Case material
Non-conductive black plastic
Base material
None
Potting material
Silicone (UL94 V-0)
Weight
2.1g(0.07oz)
MTBF
MIL-HDBK-217F, Full load
7.380 x 10
6 hrs


Similar Part No. - UDS(H)01-05S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UDS(H)02-05D05 P-DUKE-UDS(H)02-05D05 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
UDS(H)02-05D05 P-DUKE-UDS(H)02-05D05 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
UDS(H)02-05D12 P-DUKE-UDS(H)02-05D12 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
UDS(H)02-05D12 P-DUKE-UDS(H)02-05D12 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
UDS(H)02-05D15 P-DUKE-UDS(H)02-05D15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
More results

Similar Description - UDS(H)01-05S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS01 P-DUKE-SDS01_15 Datasheet
656Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL06 P-DUKE-PDL06 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
UDS02 P-DUKE-UDS02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com